Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2587P9155 Datasheet(PDF) 5 Page - Agere Systems

Part # D2587P9155
Description  Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2587P9155 Datasheet(HTML) 5 Page - Agere Systems

  D2587P9155 Datasheet HTML 1Page - Agere Systems D2587P9155 Datasheet HTML 2Page - Agere Systems D2587P9155 Datasheet HTML 3Page - Agere Systems D2587P9155 Datasheet HTML 4Page - Agere Systems D2587P9155 Datasheet HTML 5Page - Agere Systems D2587P9155 Datasheet HTML 6Page - Agere Systems D2587P9155 Datasheet HTML 7Page - Agere Systems D2587P9155 Datasheet HTML 8Page - Agere Systems D2587P9155 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet, Rev. 2
Wavelength-Selected, High-Power D2587P-Type (with Wavelength
July 2001
Locker)/D2547P-Type Isolated DFB Laser Modules
5
Agere Systems Inc.
Characteristics
Minimum and maximum values are testing requirements. Typical values are device characteristics and are results
of engineering evaluations; they are for information purposes only and are not part of the testing requirements.
* Standard operating condition is 5.0 V reverse bias.
† Ratio of thermistor resistance at 0 °C to thermistor resistance at 50 °C.
* Custom wavelengths available.
† The
ST
® ferrule key is not aligned to slow axis of fiber. Connector is intended for testing purposes only.
Table 2. D2587-Type Electrical Characteristics (at 25 °C laser temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Threshold Current
ITH
—
—
15
40
mA
Drive Current
—
LF = 20 mW
—
—
165
mA
Laser Forward Voltage
VLF
LF = 20 mW (CW)
—
2
2.5
V
Monitor Reverse-bias Voltage*
VRMON
—3
5
10
V
Monitor Current:
Back-facet Monitor
λ Photodiode 1
λ Photodiode 2
IRMON
IλPD1
IλPD2
PO = 20 mW (CW)
0.003
0.003
0.003
—
—
—
0.06
0.06
0.06
mA
mA
mA
Monitor Dark Current
ID
IF = 0, VRMON = 5 V
—
0.01
0.1
µA
Input Impedance
ZIN
——
25
—
Ω
Filter Slope
—
—
0.5
—
8
/nm
Frequency Capture Range
—
Measured from
λITU
toward increasing
λ and
decreasing
λ
15
—
—
GHz
Thermistor Current
ITC
—
10
—
100
µA
Resistance Ratio†
—
—
9.1
9.6
10.1
—
Thermistor Resistance
RTH
TL = 25 °C
9.5
—
10.5
k
Ω
Laser Submount Temperature
TSET
—20
—
35
°C
TEC Current
ITEC
TL = 25 °C, TC = 70 °C
—
—
1.7
A
TEC Voltage
VTEC
TL = 25 °C, TC = 70 °C
—
—
2.8
V
TEC Capacity
∆TTC = 70 °C
—
50
°C
Table 3. D2587-Type Optical Characteristics (at 25 °C laser temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Peak Optical Output Power
PP
—20.0
—
—
mW
Center Wavelength*
(See Ordering Information, page 9.)
λC
TL = TSET
λC = λITU ± 0.1 nm
1528.77
—
1610.06
nm
Line Width (3 dB full width)
∆λ
CW, PF = 20.0 mW
—
2
10
MHz
Side-mode Suppression Ratio
SMSR
CW
35
45
—
dB
Relative Intensity Noise
RIN
CW, PF = 20 mW
200 MHz < f < 10 GHz
—
—
–135
dB/Hz
Optical Isolation
—
TC = 0 °C to 75 °C
30
—
—
dB
Optical Polarization Extinction Ratio†
—
0 °C to 75 °C
20
—
—
dB
FM Efficiency
FM
fMOD = 30 kHz,
PF = 20 mW
—100
—
MHz/mA
Wavelength Drift (EOL)
∆λC
Tested over
25-year lifetime
——
±2.5
GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com