Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF7N02Z Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMDF7N02Z
Description  DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF7N02Z Datasheet(HTML) 2 Page - Motorola, Inc

  MMDF7N02Z Datasheet HTML 1Page - Motorola, Inc MMDF7N02Z Datasheet HTML 2Page - Motorola, Inc MMDF7N02Z Datasheet HTML 3Page - Motorola, Inc MMDF7N02Z Datasheet HTML 4Page - Motorola, Inc MMDF7N02Z Datasheet HTML 5Page - Motorola, Inc MMDF7N02Z Datasheet HTML 6Page - Motorola, Inc MMDF7N02Z Datasheet HTML 7Page - Motorola, Inc MMDF7N02Z Datasheet HTML 8Page - Motorola, Inc MMDF7N02Z Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMDF7N02Z
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(Cpk
≥ 2.0) (1) (3)
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
15
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
1.0
10
µAdc
Gate–Body Leakage Current (VGS = ± 12 Vdc, VDS = 0 Vdc)
IGSS
3.0
µAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(Cpk
≥ 2.0) (1) (3)
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
0.5
0.7
2.5
1.0
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(Cpk
≥ 2.0) (1) (3)
(VGS = 4.5 Vdc, ID = 7.0 Adc)
(VGS = 2.5 Vdc, ID = 3.5 Adc)
RDS(on)
23
30
27
35
m
Forward Transconductance (VDS = 10 Vdc, ID = 6.0 Adc) (1)
gFS
5.0
11
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
16 Vdc V
0 Vdc
Ciss
450
630
pF
Output Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
350
490
Transfer Capacitance
f = 1.0 MHz)
Crss
110
155
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
10 Vd
I
1 0 Ad
td(on)
31
62
ns
Rise Time
(VDD = 10 Vdc, ID = 1.0 Adc,
VGS =4 5Vdc
tr
230
460
Turn–Off Delay Time
VGS = 4.5 Vdc,
RG = 6.0 Ω) (1)
td(off)
725
1450
Fall Time
G
)
tf
780
1560
Gate Charge
See Figure 8
(V
12 Vd
I
5 0 Ad
QT
17
24
nC
See Figure 8
(VDS = 12 Vdc, ID = 5.0 Adc,
(1)
Q1
1.4
( DS
, D
,
VGS = 4.5 Vdc) (1)
Q2
6.7
Q3
6.5
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 7.0 Adc, VGS = 0 Vdc) (1)
(IS = 7.0 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.90
0.84
1.1
Vdc
Reverse Recovery Time
(I
7 0 Ad
V
0 Vd
trr
780
ns
(IS = 7.0 Adc, VGS = 0 Vdc,
(1)
ta
190
( S
,
GS
,
dIS/dt = 100 A/µs) (1)
tb
590
Reverse Recovery Stored Charge
QRR
5.7
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperatures.
(3) Reflects typical values.
Cpk =
Max limit – Typ
3 x SIGMA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com