Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3353LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3353LF
Description  CABLE ASSEMBLY RG174A/U SMA MALE TO SMA MALE(LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3353LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3353LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
021308
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE
SMA MALE
RG174A/U
SMA MALE
PE3353LF-XX
CABLE ASSEMBLY, RG174A/U, SMA MALE
TO SMA MALE (LEAD FREE)
50 OHM
50 OHM
50 OHM
SMA
MALE
SMA
MALE


Similar Part No. - PE3353LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3353LF-12 PASTERNACK-PE3353LF-12 Datasheet
371Kb / 4P
SMA Male to SMA Male Cable 12 Inch Length Using RG174 Coax, RoHS
PE3353LF-18 PASTERNACK-PE3353LF-18 Datasheet
371Kb / 4P
SMA Male to SMA Male Cable 18 Inch Length Using RG174 Coax, RoHS
PE3353LF-24 PASTERNACK-PE3353LF-24 Datasheet
371Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using RG174 Coax, RoHS
PE3353LF-36 PASTERNACK-PE3353LF-36 Datasheet
371Kb / 4P
SMA Male to SMA Male Cable 36 Inch
PE3353LF-48 PASTERNACK-PE3353LF-48 Datasheet
371Kb / 4P
SMA Male to SMA Male Cable 48 Inch Length Using RG174 Coax, RoHS
More results

Similar Description - PE3353LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3492LF PASTERNACK-PE3492LF Datasheet
271Kb / 1P
CABLE ASSEMBLY RG402/U SMA MALE TO SMA MALE(LEAD FREE)
PE3361LF PASTERNACK-PE3361LF Datasheet
230Kb / 1P
CABLE ASSEMBLY RG18A/U SMA MALE TO SMA MALE (LEAD FREE)
PE3420LF PASTERNACK-PE3420LF Datasheet
278Kb / 1P
CABLE ASSEMBLY RG174A/U SMA MALE TO SMA MALE RIGHT ANGLE(LEAD FREE)
PE35211LF PASTERNACK-PE35211LF Datasheet
204Kb / 1P
CABLE ASSEMBLY RG174A/U REVERSE POLARITY SMA MALE TO BNC MALE (LEAD FREE)
PE3715LF PASTERNACK-PE3715LF Datasheet
277Kb / 1P
CABLE ASSEMBLY RG174A/U SMA MALE TO SMA FEMALE(LEAD FREE)
PE3944LF PASTERNACK-PE3944LF Datasheet
277Kb / 1P
CABLE ASSEMBLY RG174A/U SMA MALE TO SMC PLUG (LEAD FREE)
PE3353 PASTERNACK-PE3353 Datasheet
263Kb / 1P
CABLE ASSEMBLY RG174A/U SMA MALE TO SMA MALE
PE3886LF PASTERNACK-PE3886LF Datasheet
280Kb / 1P
CABLE ASSEMBLY RG174A/U SMA MALE RIGHT ANGLE TO BNC MALE (LEAD FREE)
PE3908LF PASTERNACK-PE3908LF Datasheet
277Kb / 1P
CABLE ASSEMBLY RG174A/U SMA MALE TO SMB PLUG (LEAD FREE)
PE3291LF PASTERNACK-PE3291LF Datasheet
247Kb / 1P
CABLE ASSEMBLY, RG174A/U SMA MALE TO N MALE (LEAD FREE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com