Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3C55 Datasheet(PDF) 75 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 75 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 71Page - Agere Systems OR3C55 Datasheet HTML 72Page - Agere Systems OR3C55 Datasheet HTML 73Page - Agere Systems OR3C55 Datasheet HTML 74Page - Agere Systems OR3C55 Datasheet HTML 75Page - Agere Systems OR3C55 Datasheet HTML 76Page - Agere Systems OR3C55 Datasheet HTML 77Page - Agere Systems OR3C55 Datasheet HTML 78Page - Agere Systems OR3C55 Datasheet HTML 79Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 210 page
background image
Lucent Technologies Inc.
75
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Clock Manager (PCM)
(continued)
Delay-Locked Loop (DLL) Mode
DLL mode is used for implementing a delayed clock
(phase adjustment), clock doubling, and duty cycle
adjustment. All DLL functions stem from a delay line
with 32 taps. The delayed input clock is pulled from var-
ious taps and processed to implement the desired
result. There is no feedback clock in DLL mode, provid-
ing a very stable output and a fast lock time for the out-
put clock.
DLL mode is selected by setting bit 0 in PCM register
five to a 0. The settings for the various submodes of
DLL mode are described in the following paragraphs.
Divider DIV0 may be used with any of the DLL modes
to divide the input clock by an integer factor of 1 to 8
prior to implementation of the DLL process.
Delayed Clock
A delayed version of the input clock can be constructed
in DLL mode. The output clock can be delayed by
increments of 1/32 of the input clock period. Express
CLK and system CLK outputs in delay modes are
selected by setting register six, bits [5:4] to 10 or 11 for
ExpressCLK
output, and/or bits [7:6] to 10 for system
clock output. The delay value is entered in register four.
See register four programming details for more infor-
mation. Delay values are also shown in the second col-
umn of Table 27.
Note that when register six, bits [5:4] are set to 11, the
ExpressCLK
output is divided by an integer factor from
1 to 8 while the system clock cannot be divided. The
ExpressCLK
divider is provided so that the I/O clocking
provided by the ExpressCLK can operate slower than
the internal system clock. This allows for very fast inter-
nal processing while maintaining slower interface
speeds off-chip for improved noise and power perfor-
mance or to interoperate with slower devices in the sys-
tem. The divisor of the ExpressCLK frequency is
selected in register two. See the register two program-
ming details for more information.
1x Clock Duty-Cycle Adjustment
A duty-cycle adjusted replica of the input clock can be
constructed in DLL mode. The duty cycle can be
adjusted in 1/32 (3.125%) increments of the input clock
period. DLL 1x clock mode is selected by setting bit 4
of register five to a 1, and output clock source selection
is selected by setting register six, bits [5:4] to 01 for
ExpressCLK
output, and/or bits [7:6] to 01 for system
clock output. The duty-cycle percentage value is
entered in register four. See register four programming
details for more information. Duty cycle values are also
shown in the third column of Table 27.
Table 27. DLL Mode Delay/1x Duty Cycle
Programming Values
Register 4 [7:0]
7 6 5 4 3 2 1 0
Delay
(CLK_IN/32)
Duty Cycle
(% of CLK_IN)
0 0 X X X 0 0 0
1
3.125
0 0 X X X 0 0 1
2
6.250
0 0 X X X 0 1 0
3
9.375
0 0 X X X 0 1 1
4
12.500
0 0 X X X 1 0 0
5
15.625
0 0 X X X 1 0 1
6
18.750
0 0 X X X 1 1 0
7
21.875
0 0 X X X 1 1 1
8
25.000
0 1 X X X 0 0 0
9
28.125
0 1 X X X 0 0 1
10
31.250
0 1 X X X 0 1 0
11
34.375
0 1 X X X 0 1 1
12
37.500
0 1 X X X 1 0 0
13
40.625
0 1 X X X 1 0 1
14
43.750
0 1 X X X 1 1 0
15
46.875
0 1 1 1 1 X X X
16
50.000
1 0 0 0 0 X X X
17
53.125
1 0 0 0 1 X X X
18
56.250
1 0 0 1 0 X X X
19
59.375
1 0 0 1 1 X X X
20
62.500
1 0 1 0 0 X X X
21
65.625
1 0 1 0 1 X X X
22
68.750
1 0 1 1 0 X X X
23
71.875
1 0 1 1 1 X X X
24
75.000
1 1 0 0 0 X X X
25
78.125
1 1 0 0 1 X X X
26
81.250
1 1 0 1 0 X X X
27
84.375
1 1 0 1 1 X X X
28
87.500
1 1 1 0 0 X X X
29
90.625
1 1 1 0 1 X X X
30
93.750
1 1 1 1 0 X X X
31
96.875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com