Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P172ABCS Datasheet(PDF) 5 Page - Agere Systems

Part # P172ABCS
Description  P172-Type Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

P172ABCS Datasheet(HTML) 5 Page - Agere Systems

  P172ABCS Datasheet HTML 1Page - Agere Systems P172ABCS Datasheet HTML 2Page - Agere Systems P172ABCS Datasheet HTML 3Page - Agere Systems P172ABCS Datasheet HTML 4Page - Agere Systems P172ABCS Datasheet HTML 5Page - Agere Systems P172ABCS Datasheet HTML 6Page - Agere Systems P172ABCS Datasheet HTML 7Page - Agere Systems P172ABCS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Agere Systems Inc.
Advance Data Sheet
August 2001
P172-Type Receiver
Outline Diagrams
P172-Type Through-Hole Package
Dimensions are in inches and (millimeters).
0.170
(4.32)
CONNECTOR
FIBER
0.900 µm
BEND LIMITER
0.974
(24.74)
MIN.
0.010
(0.25)
0.195
(4.95)
LEAD TRIM
0.016 (0.41) 8 PLACES
0.155
(3.94)
STANDOFF
0.010 (0.25) MAX
0.079
(2.01)
0.431
(10.95)
FIBER LENGTH
0.010
(0.25)
0.300
(7.62)
8 PLACES
0.100
(2.54)
MIN
0.315
(8.00)
4 321
5 678
0.045 (1.14)
NOSE GEOMETRY
0.565
(14.35)
0.144
(3.66)
1-1057F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com