Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S103K3 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM8S103K3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103K3 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM8S103K3 Datasheet HTML 20Page - STMicroelectronics STM8S103K3 Datasheet HTML 21Page - STMicroelectronics STM8S103K3 Datasheet HTML 22Page - STMicroelectronics STM8S103K3 Datasheet HTML 23Page - STMicroelectronics STM8S103K3 Datasheet HTML 24Page - STMicroelectronics STM8S103K3 Datasheet HTML 25Page - STMicroelectronics STM8S103K3 Datasheet HTML 26Page - STMicroelectronics STM8S103K3 Datasheet HTML 27Page - STMicroelectronics STM8S103K3 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 113 page
background image
STM8S103Fx TSSOP20/SO20/UFQFPN20 pin description
5.2.3
Table 6: STM8S103Fx pin description
Alternate function
after remap [option
bit]
Default
alternate
function
Main
function
(after
reset)
Output
Input
Type
Pin name
Pin no.
PP
OD
Speed
High sink
(1)
Ext.
interr.
wpu
floating
UFQFPN20
TSSOP/SO20
Timer 2 -
channel
Port D4
X
X
O3
HS
X
X
X
I/O
PD4/ BEEP/
TIM2_ CH1/
UART1 _CK
18
1
1/BEEP output/
UART1 clock
Analog input 5/
UART1 data
transmit
Port D5
X
X
O3
HS
X
X
X
I/O
PD5/ AIN5/
UART1 _TX
19
2
Analog input 6/
UART1 data
receive
Port D6
X
X
O3
HS
X
X
X
I/O
PD6/ AIN6/
UART1 _RX
20
3
Reset
X
I/O
NRST
1
4
Resonator/
crystal in
Port A1
X
X
O1
X
X
X
I/O
PA1/ OSCIN
(2)
2
5
Resonator/
crystal out
Port A2
X
X
O1
X
X
X
I/O
PA2/ OSCOUT
3
6
Digital ground
S
VSS
4
7
1.8 V regulator capacitor
S
VCAP
5
8
Digital power supply
S
VDD
6
9
SPI master/ slave
select [AFR1]
Timer 2
channel 3
Port A3
X
X
O3
HS
X
X
X
I/O
PA3/ TIM2_ CH3
[SPI_ NSS]
7
10
Timer 1 - break
input [AFR4]
I
2
C data
Port B5
T
(3)
O1
X
X
I/O
PB5/ I
2
C_ SDA
[TIM1_ BKIN]
8
11
ADC external
trigger [AFR4]
I
2
C clock
Port B4
T
(3)
O1
X
X
I/O
PB4/ I
2
C_ SCL
9
12
Top level interrupt
[AFR3] Timer 1 -
Timer 1 -
channel 3
Port C3
X
X
O3
HS
X
X
X
I/O
PC3/ TIM1_CH3
[TLI] [TIM1_
CH1N]
10
13
inverted channel 1
[AFR7]
Timer 1 - inverted
channel 2 [AFR7]
Configurable
clock
output/Timer 1
Port C4
X
X
O3
HS
X
X
X
I/O
PC4/ CLK_CCO/
TIM1_
CH4/AIN2/[TIM1_
CH2N]
11
14
- channel
4/Analog input
2
Timer 2 - channel 1
[AFR0]
SPI clock
Port C5
X
X
O3
HS
X
X
X
I/O
PC5/ SPI_SCK
[TIM2_ CH1]
12
15
Timer 1 - channel 1
[AFR0]
SPI master
out/slave in
Port C6
X
X
O3
HS
X
X
X
I/O
PC6/ SPI_MOSI
[TIM1_ CH1]
13
16
Timer 1 - channel 2
[AFR0]
SPI master in/
slave out
Port C7
X
X
O3
HS
X
X
X
I/O
PC7/ SPI_MISO
[TIM1_ CH2]
14
17
SWIM data
interface
Port D1
X
X
O4
HS
X
X
X
I/O
PD1/ SWIM
15
18
Timer 2 - channel 3
[AFR1]
Analog input 3
Port D2
X
X
O3
HS
X
X
X
I/O
PD2/AIN3/[TIM2_
CH3]
16
19
Analog input 4/
Timer 2 -
Port D3
X
X
O3
HS
X
X
X
I/O
PD3/ AIN4/ TIM2_
CH2/ ADC_ ETR
17
20
channel 2/ADC
external trigger
DocID15441 Rev 6
24/113
STM8S103K3 STM8S103F3 STM8S103F2
Pinout and pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com