Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7121-PL2 Datasheet(PDF) 21 Page - Agere Systems

Part # T7121-PL2
Description  T7121 HDLC Interface for ISDN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7121-PL2 Datasheet(HTML) 21 Page - Agere Systems

Back Button T7121-PL2 Datasheet HTML 17Page - Agere Systems T7121-PL2 Datasheet HTML 18Page - Agere Systems T7121-PL2 Datasheet HTML 19Page - Agere Systems T7121-PL2 Datasheet HTML 20Page - Agere Systems T7121-PL2 Datasheet HTML 21Page - Agere Systems T7121-PL2 Datasheet HTML 22Page - Agere Systems T7121-PL2 Datasheet HTML 23Page - Agere Systems T7121-PL2 Datasheet HTML 24Page - Agere Systems T7121-PL2 Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Lucent Technologies Inc.
21
Data Sheet
April 1997
T7121 HDLC Interface for ISDN (HIFI-64)
Functional Description (continued)
Transmitter FIFO
Data associated with multiple frames can be written to
the transmit FIFO by the controlling microprocessor.
However, all frames must be explicitly tagged with a
Transmit Frame Complete (TFC) bit (R1—B7) or a
Transmit Abort (TABT) bit (R1—B6) by writing to regis-
ter 1. The TFC is tagged onto the last byte of a frame
written into the transmitter FIFO. TFC instructs the
transmitter to end the frame by attaching the CRC and
closing flag following the tagged byte. Once written, the
TFC cannot be changed by another write to R1. If TFC
is not written before the last data byte is read out for
transmission, an underrun occurs. When the FIFO is
empty, writing two data bytes to the FIFO before setting
TFC provides a minimum of eight CLKX periods to
write TFC. TABT (R1—B6) and TFC (R1—B7) should
never be set to 1 simultaneously. This causes the trans-
mitter to enter an invalid state requiring a transmitter
reset.
When the transmitter has completed a frame, with a
closing flag or an abort sequence, the TDONE
(R15—B0) bit is set to 1. If TDIE (R14—B0) is 1 and no
other prior unacknowledged interrupt exists, the INT
pin transitions.
Sending 1-Byte Frames
Sending 1-byte frames with an empty transmit FIFO is
not recommended. If the FIFO is empty, writing two
data bytes to the FIFO before setting TFC provides a
minimum of eight CLKX periods to write TFC. When
one byte is written to the FIFO, TFC must be written
within 1 CLKX period to guarantee it is effective. Thus,
1-byte frames are subject to underrun aborts. One-byte
frames cannot be aborted with TABT. Placing the trans-
mitter in 1s idle mode (FLAGS, R0—B2 = 0) lessens
the frequency of underruns. If the transmit FIFO is not
empty, then 1-byte frames present no problem.
Transmitter Underrun
After writing a byte to the transmit queue, the user has
eight CLKX cycles in which to write the next byte before
a transmitter underrun occurs. An underrun occurs
when the transmitter has finished transmitting all the
bytes in the queue, but the frame has not yet been
closed by writing TFC. When a transmitter underrun
occurs, the abort sequence is sent at the end of the last
valid byte transmitted. A TDONE interrupt is generated,
and the transmitter reports an underrun abort in the
interrupt status register (R15—B2). The transmitter
enters forced idle (sending FLAGS or IDLES based
upon the value in R0—B2) until the interrupt status reg-
ister (R15) is read.
Using the Transmitter Status and Fill Level
The Transmitter-interrupt Level bits (R1—B[5—0]) allow
the user to instruct the T7121 to interrupt the host pro-
cessor whenever the transmitter has a predetermined
number of empty locations. The number of locations
selected determines the time between transmitter
empty (TE) interrupts. The transmitter status bits
(R2—B[6—0]) report the number of empty locations in
the transmitter FIFO. The bits are encoded in binary
with bit 0 the least significant bit. Also found in register
2 is the Transmitter Empty Dynamic bit, TED (R2—B7).
This bit, like the TE interrupt bit, is set when the number
of empty locations is less than or equal to the pro-
grammed empty level. TED returns to 0 when the trans-
mitter is filled to above the programmed empty level.
Polled interrupt systems can use TED to determine
when they can write to the transmit FIFO.
Programming Note: After the transmitter is turned off,
a transmitter reset should be performed (TRES, R6, bit
5 = 1) before the transmitter is turned on. After the
receiver is turned off, a receiver reset should be per-
formed (RRES, R6, bit 4 = 1) before the receiver is
turned on. The transmitter and receiver should both be
reset individually (i.e., not at the same time) after any
concentration highway configuration change. If TRES =
RRES = 1 at the same time, a full chip reset is per-
formed: all register bits are forced to their reset values.
Receiver FIFO
The receiver status is available in two ways. First, the
queue manager creates a Status of Frame (SF) byte for
each HDLC frame and stores this status byte in the
FIFO after the last data byte of the associated frame.
Thus, a frame containing 24 user data bytes results in
25 bytes present in the receive FIFO. The SF status
byte has the following format:
STATUS OF FRAME BYTE
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com