Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8533 Datasheet(PDF) 7 Page - Agere Systems

Part # T8533
Description  T8533/34 Quad Programmable Line Card Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8533 Datasheet(HTML) 7 Page - Agere Systems

Back Button T8533 Datasheet HTML 3Page - Agere Systems T8533 Datasheet HTML 4Page - Agere Systems T8533 Datasheet HTML 5Page - Agere Systems T8533 Datasheet HTML 6Page - Agere Systems T8533 Datasheet HTML 7Page - Agere Systems T8533 Datasheet HTML 8Page - Agere Systems T8533 Datasheet HTML 9Page - Agere Systems T8533 Datasheet HTML 10Page - Agere Systems T8533 Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Preliminary Data Sheet
July 2001
Signal Processor
T8533/34 Quad Programmable Line Card
Agere Systems Inc.
7
Pin Information (continued)
5-8194(F)
Figure 3. 68-Pin PLCC Pin Diagram
Table 3. Pin Assignments, 68-Pin PLCC, Per-Channel Functions
Ckt
Name
Type
Name/Description
ab
c
d
21 34 35 48
AGND
GND Analog Ground. A common AGND, DGND, SGND plane is highly recom-
mended.
20 33 36 49
VDD
PWR 5 V Analog Power Supply.
19 32 37 50
VFXII
Transmit Analog Input. For complex terminations, this node requires a 10 M
or 20 M
Ω resistance to AGND.
18 31 38 51 VFROP
O
Receive Analog Output, Positive Polarity.
17 30 39 52 VFRON
O
Receive Analog Output, Negative Polarity.
16 29 41 53
SLIC0
I/O
SLIC Control Pin 0.
15 27 42 54
SLIC1
I/O
SLIC Control Pin 1.
9
264361
SLIC2
I/O
SLIC Control Pin 2.
8
254463
SLIC3
I/O
SLIC Control Pin 3.
7
234664
SLIC4
I/O
SLIC Control Pin 4.
6
224762
SLIC5
I/O
SLIC Control Pin 5.
6
4 3 2 1 6867666564
5
7
8
963 6261
40
38
37
36
35
34
33
32
31
30
39
41 42 43
29
28
27
23
21
20
19
18
17
16
15
14
13
22
SLIC0a
VDDa
FILTV
SGND
SLIC5b
DGND
SLIC2b
VFROPa
24
25
26
12
11
10
SLIC1a
VFXIa
PVCOIN
PLLT
AGNDa
SLIC4b
SLIC3b
VFRONa
47
49
50
51
52
53
54
55
56
57
48
SLIC1d
VFXId
DR
DGND
FS
AGNDd
SLIC4c
SLIC3c
VFRONd
46
45
44
58
59
60
VDD
VFROPd
DX
BCLK
VDDd
SLIC5c
DGND
SLIC0d
T8534
PVCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com