Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP31A Datasheet(PDF) 2 Page - ON Semiconductor

Part # TIP31A
Description  Complementary Silicon Plastic Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP31A Datasheet(HTML) 2 Page - ON Semiconductor

  TIP31A Datasheet HTML 1Page - ON Semiconductor TIP31A Datasheet HTML 2Page - ON Semiconductor TIP31A Datasheet HTML 3Page - ON Semiconductor TIP31A Datasheet HTML 4Page - ON Semiconductor TIP31A Datasheet HTML 5Page - ON Semiconductor TIP31A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP31, TIP31A, TIP31B, TIP31C, (NPN), TIP32, TIP32A, TIP32B, TIP32C, (PNP)
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
_C/W
Thermal Resistance, Junction−to−Case
RqJC
3.125
_C/W
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
TIP31, TIP32
(IC = 30 mAdc, IB = 0)
TIP31A, TIP32A
TIP31B, TIP32B
TIP31C, TIP32C
VCEO(sus)
40
60
80
100
−
−
−
−
Vdc
Collector Cutoff Current (VCE = 30 Vdc, IB = 0)
TIP31, TIP32, TIP31A, TIP32A
ICEO
−
0.3
mAdc
Collector Cutoff Current (VCE = 60 Vdc, IB = 0)
TIP31B, TIP31C, TIP32B, TIP32C
−
0.3
Collector Cutoff Current
(VCE = 40 Vdc, VEB = 0)
TIP31, TIP32
(VCE = 60 Vdc, VEB = 0)
TIP31A, TIP32A
(VCE = 80 Vdc, VEB = 0)
TIP31B, TIP32B
(VCE = 100 Vdc, VEB = 0)
TIP31C, TIP32C
ICES
−
−
−
−
200
200
200
200
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
−
1.0
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain (IC = 1.0 Adc, VCE = 4.0 Vdc)
DC Current Gain (IC = 3.0 Adc, VCE = 4.0 Vdc)
hFE
25
10
−
50
−
Collector−Emitter Saturation Voltage (IC = 3.0 Adc, IB = 375 mAdc)
VCE(sat)
−
1.2
Vdc
Base−Emitter On Voltage (IC = 3.0 Adc, VCE = 4.0 Vdc)
VBE(on)
−
1.8
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product (IC = 500 mAdc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
3.0
−
MHz
Small−Signal Current Gain (IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
20
−
−
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
ORDERING INFORMATION
Device
Package
Shipping
TIP31
TO−220
50 Units / Rail
TIP31G
TO−220
(Pb−Free)
50 Units / Rail
TIP31A
TO−220
50 Units / Rail
TIP31AG
TO−220
(Pb−Free)
50 Units / Rail
TIP31B
TO−220
50 Units / Rail
TIP31BG
TO−220
(Pb−Free)
50 Units / Rail
TIP31C
TO−220
50 Units / Rail
TIP31CG
TO−220
(Pb−Free)
50 Units / Rail
TIP32
TO−220
50 Units / Rail
TIP32G
TO−220
(Pb−Free)
50 Units / Rail
TIP32A
TO−220
50 Units / Rail
TIP32AG
TO−220
(Pb−Free)
50 Units / Rail
TIP32B
TO−220
50 Units / Rail
TIP32BG
TO−220
(Pb−Free)
50 Units / Rail
TIP32C
TO−220
50 Units / Rail
TIP32CG
TO−220
(Pb−Free)
50 Units / Rail



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com