Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC274CPWR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274CPWR
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274CPWR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLC274CPWR Datasheet HTML 22Page - Texas Instruments TLC274CPWR Datasheet HTML 23Page - Texas Instruments TLC274CPWR Datasheet HTML 24Page - Texas Instruments TLC274CPWR Datasheet HTML 25Page - Texas Instruments TLC274CPWR Datasheet HTML 26Page - Texas Instruments TLC274CPWR Datasheet HTML 27Page - Texas Instruments TLC274CPWR Datasheet HTML 28Page - Texas Instruments TLC274CPWR Datasheet HTML 29Page - Texas Instruments TLC274CPWR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 26
0
VDD − Supply Voltage − V
16
0
2
4
6
8
10
12
14
1
2
3
4
5
6
7
8
CL = 20 pF
RL = 10 k Ω
VIPP = 1 V
AV = 1
See Figure 1
TA = 25°C
SLEW RATE
vs
SUPPLY VOLTAGE
Figure 27
TA − Free-Air Temperature − °C
125
− 50
− 25
0
25
50
75
100
8
7
6
5
4
3
2
1
0
−75
CL = 20 pF
See Figure 1
AV = 1
RL = 10 k Ω
VDD = 10 V
VDD = 5 V
VIPP = 1 V
VDD = 5 V
VIPP = 2.5 V
VDD = 10 V
VIPP = 1 V
SLEW RATE
vs
FREE-AIR TEMPERATURE
VIPP = 5.5 V
Figure 28
−75
TA − Free-Air Temperature − °C
125
−50
−25
025
50
75
100
AV = 1
VIPP = 1 V
RL = 10 kΩ
CL = 20 pF
1.4
1.3
1.2
1.1
1
0.9
0.8
0.7
0.6
0.5
1.5
VDD = 10 V
VDD = 5 V
NORMALIZED SLEW RATE
vs
FREE-AIR TEMPERATURE
Figure 29
10
f − Frequency − kHz
10
10000
0
1
2
3
4
5
6
7
8
9
100
1000
VDD = 10 V
VDD = 5 V
See Figure 1
RL = 10 k Ω
TA = 125°C
TA = 25°C
TA = − 55°C
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com