Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC274MFKB Datasheet(PDF) 20 Page - Texas Instruments

Part # TLC274MFKB
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274MFKB Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC274MFKB Datasheet HTML 16Page - Texas Instruments TLC274MFKB Datasheet HTML 17Page - Texas Instruments TLC274MFKB Datasheet HTML 18Page - Texas Instruments TLC274MFKB Datasheet HTML 19Page - Texas Instruments TLC274MFKB Datasheet HTML 20Page - Texas Instruments TLC274MFKB Datasheet HTML 21Page - Texas Instruments TLC274MFKB Datasheet HTML 22Page - Texas Instruments TLC274MFKB Datasheet HTML 23Page - Texas Instruments TLC274MFKB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
6, 7
αVIO
Temperature coefficient of input offset voltage
Distribution
8, 9
vs High-level output current
10, 11
VOH
High-level output voltage
vs High-level output current
vs Supply voltage
10, 11
12
VOH
High-level output voltage
vs Supply voltage
vs Free-air temperature
12
13
vs Common-mode input voltage
14, 15
VOL
Low-level output voltage
vs Common-mode input voltage
vs Differential input voltage
14, 15
16
VOL
Low-level output voltage
vs Differential input voltage
vs Free-air temperature
16
17
OL
vs Free-air temperature
vs Low-level output current
17
18, 19
vs Supply voltage
20
AVD
Large-signal differential voltage amplification
vs Supply voltage
vs Free-air temperature
20
21
AVD
Large-signal differential voltage amplification
vs Free-air temperature
vs Frequency
21
32, 33
IIB
Input bias current
vs Free-air temperature
22
IIO
Input offset current
vs Free-air temperature
22
VIC
Common-mode input voltage
vs Supply voltage
23
IDD
Supply current
vs Supply voltage
24
IDD
Supply current
vs Supply voltage
vs Free-air temperature
24
25
SR
Slew rate
vs Supply voltage
26
SR
Slew rate
vs Supply voltage
vs Free-air temperature
26
27
Normalized slew rate
vs Free-air temperature
28
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
29
B1
Unity-gain bandwidth
vs Free-air temperature
30
B1
Unity-gain bandwidth
vs Free-air temperature
vs Supply voltage
30
31
vs Supply voltage
34
φm
Phase margin
vs Supply voltage
vs Free-air temperature
34
35
φm
Phase margin
vs Free-air temperature
vs Load capacitance
35
36
Vn
Equivalent input noise voltage
vs Frequency
37
Phase shift
vs Frequency
32, 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com