Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103VET6 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32F103VET6
Description  High-density performance line
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VET6 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32F103VET6 Datasheet HTML 41Page - STMicroelectronics STM32F103VET6 Datasheet HTML 42Page - STMicroelectronics STM32F103VET6 Datasheet HTML 43Page - STMicroelectronics STM32F103VET6 Datasheet HTML 44Page - STMicroelectronics STM32F103VET6 Datasheet HTML 45Page - STMicroelectronics STM32F103VET6 Datasheet HTML 46Page - STMicroelectronics STM32F103VET6 Datasheet HTML 47Page - STMicroelectronics STM32F103VET6 Datasheet HTML 48Page - STMicroelectronics STM32F103VET6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 130 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Electrical characteristics
Doc ID 14611 Rev 8
45/130
Table 14.
Maximum current consumption in Run mode, code with data processing
running from Flash
Symbol
Parameter
Conditions
fHCLK
Max(1)
1.
Based on characterization, not tested in production.
Unit
TA = 85 °C
TA = 105 °C
IDD
Supply current in
Run mode
External clock(2), all
peripherals enabled
2.
External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
72 MHz
69
70
mA
48 MHz
50
50.5
36 MHz
39
39.5
24 MHz
27
28
16 MHz
20
20.5
8 MHz
11
11.5
External clock(2), all
peripherals disabled
72 MHz
37
37.5
48 MHz
28
28.5
36 MHz
22
22.5
24 MHz
16.5
17
16 MHz
12.5
13
8 MHz
8
8
Table 15.
Maximum current consumption in Run mode, code with data processing
running from RAM
Symbol
Parameter
Conditions
fHCLK
Max(1)
1.
Data based on characterization results, tested in production at VDD max, fHCLK max.
Unit
TA = 85 °C
TA = 105 °C
IDD
Supply current
in Run mode
External clock(2), all
peripherals enabled
2.
External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
72 MHz
66
67
mA
48 MHz
43.5
45.5
36 MHz
33
35
24 MHz
23
24.5
16 MHz
16
18
8 MHz
9
10.5
External clock(2), all
peripherals disabled
72 MHz
33
33.5
48 MHz
23
23.5
36 MHz
18
18.5
24 MHz
13
13.5
16 MHz
10
10.5
8 MHz
6
6.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com