Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH88N30P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH88N30P
Description  PolarHTTM Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH88N30P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH88N30P Datasheet HTML 1Page - IXYS Corporation IXTH88N30P Datasheet HTML 2Page - IXYS Corporation IXTH88N30P Datasheet HTML 3Page - IXYS Corporation IXTH88N30P Datasheet HTML 4Page - IXYS Corporation IXTH88N30P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
° C to 150° C
300
V
V
DGR
T
J
= 25
° C to 150° C; R
GS = 1 MΩ
300
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25° C88
A
I
D(RMS)
External lead current limit
75
A
I
DM
T
C = 25° C, pulse width limited by TJM
220
A
I
AR
T
C = 25° C60
A
E
AR
T
C = 25° C60
mJ
E
AS
T
C = 25° C
2.0
J
dv/dt
I
S
≤I
DM, di/dt ≤100 A/µs, VDD ≤VDSS
10
V/ns
T
J
≤150° C, R
G = 4 Ω
P
D
T
C = 25° C
600
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 s
260
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
TO-247
6.0
g
TO-264
10
g
TO-3P & TO-268
5.5
g
G = Gate
D = Drain
S = Source
TAB = Drain
DS99129E(12/05)
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 µA
300
V
V
GS(th)
V
DS = VGS, ID = 250µA
2.5
5.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
100
µA
V
GS = 0 V
T
J = 125° C1
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
40
m
Ω
Pulse test, t
≤300 µs, duty cycle d ≤ 2 %
PolarHTTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Features
l International standard package
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
Advantages
l
Easy to mount
l
Space savings
l
High power density
TO-264 (IXTK)
TO-247 (IXTH)
D (TAB)
D (TAB)
G
D
S
IXTH 88N30P
IXTK 88N30P
IXTQ 88N30P
IXTT 88N30P
V
DSS
= 300
V
I
D25
= 88
A
R
DS(on)
≤≤≤≤≤ 40 mΩ
Ω
Ω
Ω
Ω
TO-3P (IXTQ)
G
D
S
(TAB)
TO-268 (IXTT)
G
S
D (TAB)
G
D
S


Similar Part No. - IXTH88N30P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH88N30P IXYS-IXTH88N30P Datasheet
593Kb / 5P
PolarHT Power MOSFET
logo
Inchange Semiconductor ...
IXTH88N30P ISC-IXTH88N30P Datasheet
381Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH88N30P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFC52N30P IXYS-IXFC52N30P Datasheet
97Kb / 5P
PolarHTTM HiPerFET Power MOSFET
IXTK200N10P IXYS-IXTK200N10P Datasheet
564Kb / 5P
PolarHTTM Power MOSFET
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
IXYS Corporation
IXTQ74N20P IXYS-IXTQ74N20P Datasheet
175Kb / 5P
PolarHTTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA42N25P IXYS-IXTA42N25P Datasheet
257Kb / 5P
PolarHTTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTK180N15P IXYS-IXTK180N15P Datasheet
168Kb / 5P
PolarHTTM Power MOSFET N-Channel Enhancement Mode
IXTK150N15P IXYS-IXTK150N15P Datasheet
258Kb / 5P
PolarHTTM Power MOSFET N-Channel Enhancement Mode
IXTQ150N06P IXYS-IXTQ150N06P Datasheet
154Kb / 5P
PolarHTTM Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com