Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIMS22 Datasheet(PDF) 1 Page - Major League Electronics

Part # SIMS22
Description  6 or 8 Pin Surface Mount SIM Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

SIMS22 Datasheet(HTML) 1 Page - Major League Electronics

  SIMS22 Datasheet HTML 1Page - Major League Electronics SIMS22 Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 or 8 Pin Surface Mount SIM Connector
SIMS22 SERIES
19 APR 07
Major League Electronics 6 or 8 Pin Surface Mount SIM Connector
0.100
(2.54)
RECOMMENDED
PCB LAYOUTS
See Detail C
Detail C
0.004 MAX.
(0.10)
C1
C 2
C3
0.071
(1.81)
0.100
(2.54)
C7
C 6
C5
0.055
(1.40)
0.055
(1.40)
0.059
(1.50)
0.300
(7.62)
0.100
(2.54)
0.300
(7.62)
0.031
(0.80)
0.343
(8.70)
0.418
(10.62)
0.031
(0.80)
0.026
(0.65)
0.200
(5.08)
0.102
(2.60)
6 Contacts
8 Contacts
C1
C2
C3
C7
C6
C5
C4
C8
0.102
(2.60)
Height
Number of Contacts
6 Contacts
SIMS22
Ordering Information
LF
-
-
-
-
6 or 8
Lead Free
Packing Information
F = Reel
26
(0.465L x 0.343W x 0.102H inches)
-
Switch
1 = Without Switch
X
XX
1
2
F
Locating Peg
2 = Wihtout Locating Peg
(11.80L x 8.70W x 2.60H mm)
8 Contacts
28
(0.465L x 0.418W x 0.102H inches)
(11.80L x 10.62W x 2.60H mm)
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Weight:
Approx. 0.40g/0.50g (6/8 Contact)
Insulation Resistance:
> 1000 MΩ/ 500 VDC
Storage Temperature:
-40°C, ~ +85°C
Contact Principle:
Friction Technology
Wave:
Not applicable
Storage Humidity:
10% ~ 95% RH
Operating Position:
Shaft Up/Down/Horizontal
VaporPhase:
215°C, 30 sec. Max.
Thermal Shock:
-40°C, ~ +85°C, 5 cycles
Durability:
100,000 Cycles Min.
IR Reflow:
230°C, 15 sec. Max.
Damp Heat:
40°C, 90% RH, 500HR
Insulation Material:
Thermoplastic, UL94V-0
Manual Soldering:
360°C, 3 sec. Max.
Salt-Mist:
35°C, 5% NaCl, 48HR
Contact Material:
Gold plating with 3u” Min.
Operating Temperature: -40°C, ~ +85°C
Contact Resistance:
50 mΩ typical / 100 mΩ Max.
Operating Humidity:
10% ~ 95% RH


Similar Part No. - SIMS22

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SIMS26 MAJOR-LEAGUE-SIMS26 Datasheet
80Kb / 2P
6 or 8 Pin Surface Mount SIM Connector With Optional Post
More results

Similar Description - SIMS22

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
250058MA006G102ZL SUYIN-USA-250058MA006G102ZL Datasheet
180Kb / 1P
SIM CARD CONNECTOR 6 PIN
logo
Major League Electronic...
SIMS15 MAJOR-LEAGUE-SIMS15 Datasheet
86Kb / 2P
6 or 8 Pin Surface Mount SIM Connector With Switch and Optional Post
SIMS26 MAJOR-LEAGUE-SIMS26 Datasheet
80Kb / 2P
6 or 8 Pin Surface Mount SIM Connector With Optional Post
SIMS32 MAJOR-LEAGUE-SIMS32 Datasheet
111Kb / 2P
6 Pin Surface Mount SIM Connector
SIMS41 MAJOR-LEAGUE-SIMS41 Datasheet
86Kb / 2P
6 or 8 Pin Surface Mount SIM Connector With Optional Post
SIMS46 MAJOR-LEAGUE-SIMS46 Datasheet
87Kb / 2P
6 or 8 Pin Surface Mount SIM Connector With Switch & Optional Post
SIMS48 MAJOR-LEAGUE-SIMS48 Datasheet
91Kb / 2P
6 or 8 Pin Surface Mount SIM Connector With Optional Post
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
SIM Card Connector Push/Push Type 6 or 8 Pin
logo
Tyco Electronics
5145299-1 MACOM-5145299-1 Datasheet
260Kb / 1P
SIM/SAM CONNECTOR WITH LID, 8 POSN OR 6 POSN WITH SWITCH, SURFACE MOUNT
logo
Global Connector Techno...
SIM7100 GCT-SIM7100 Datasheet
267Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 or 8 Pin, SMT, 1.50mm Profile
12th September 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com