Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL6482H Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL6482H
Description  High power microstepping motor driver with the L6482H
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6482H Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL6482H Datasheet HTML 1Page - STMicroelectronics EVAL6482H Datasheet HTML 2Page - STMicroelectronics EVAL6482H Datasheet HTML 3Page - STMicroelectronics EVAL6482H Datasheet HTML 4Page - STMicroelectronics EVAL6482H Datasheet HTML 5Page - STMicroelectronics EVAL6482H Datasheet HTML 6Page - STMicroelectronics EVAL6482H Datasheet HTML 7Page - STMicroelectronics EVAL6482H Datasheet HTML 8Page - STMicroelectronics EVAL6482H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production. For further information contact your local STMicroelectronics sales
office.
October 2012
Doc ID 023870 Rev 1
1/12
12
EVAL6482H
High power microstepping motor driver with the L6482H
Data brief
Features
■ Voltage range from 10.5 V to 85 V
■ Low Rds(ON) MOSFETs in DPAK package
■ SPI with daisy chain feature
■ FLAG and BUSY LED indicators
■ Flexible supply voltage management
■ Suitable for use in combination with the
STEVAL-PCC009V2
Applications
■ High power bipolar stepper motor driving
Description
The EVAL6482H demonstration board is a high
power microstepping motor driver. In combination
with the STEVAL-PCC009V2 communication
board and the evaluation software, the board
allows the user to investigate all the features of
the L6482 device. In particular, the board can be
used to check the advanced current control and to
regulate the L6482 parameters in order to fit the
application requirements.
The EVAL6482H supports the daisy chain
configuration making it suitable for the evaluation
of the L6482 in multi-motor applications.
www.st.com


Similar Part No. - EVAL6482H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6480H STMICROELECTRONICS-EVAL6480H Datasheet
1Mb / 12P
FLAG and BUSY LED indicators
14-Sep-2012
More results

Similar Description - EVAL6482H

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3955 ALLEGRO-3955 Datasheet
131Kb / 16P
FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
SLA7042M ALLEGRO-SLA7042M Datasheet
99Kb / 8P
MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
logo
Shindengen Electric Mfg...
MTD2038G SHINDENGEN-MTD2038G Datasheet
111Kb / 6P
DMOS Microstepping PWM Motor Driver
logo
STMicroelectronics
L6474 STMICROELECTRONICS-L6474 Datasheet
741Kb / 51P
easySPIN ??fully integrated microstepping motor driver
22-Dec-2011
logo
Allegro MicroSystems
A3955 ALLEGRO-A3955_12 Datasheet
520Kb / 14P
Full-Bridge PWM Microstepping Motor Driver
logo
Shindengen Electric Mfg...
MTD2038GE SHINDENGEN-MTD2038GE Datasheet
111Kb / 6P
DMOS Microstepping PWM Motor Driver
logo
Asahi Kasei Microsystem...
AP1021 AKM-AP1021 Datasheet
933Kb / 24P
32V Dual Microstepping Motor Driver IC with SPI
AP1021AEN AKM-AP1021AEN Datasheet
933Kb / 24P
32V Dual Microstepping Motor Driver IC with SPI
logo
STMicroelectronics
EVAL6470 STMICROELECTRONICS-EVAL6470 Datasheet
250Kb / 11P
Fully integrated microstepping motor driver using the L6470
22-Mar-2010
logo
Jiaxing Heroic Technolo...
HR3967 HEROIC-HR3967 Datasheet
162Kb / 2P
Microstepping motor driver chip with built-in converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com