Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9129BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9129BBCZ Datasheet HTML 24Page - Analog Devices AD9129BBCZ Datasheet HTML 25Page - Analog Devices AD9129BBCZ Datasheet HTML 26Page - Analog Devices AD9129BBCZ Datasheet HTML 27Page - Analog Devices AD9129BBCZ Datasheet HTML 28Page - Analog Devices AD9129BBCZ Datasheet HTML 29Page - Analog Devices AD9129BBCZ Datasheet HTML 30Page - Analog Devices AD9129BBCZ Datasheet HTML 31Page - Analog Devices AD9129BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 28 of 68
IOUTFS = 28 mA, fDAC = 2.6 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
–70
1000
2000
1500
2500
3500
fOUT (MHz)
4000
3000
–50
–55
–65
–60
–45
–40
–35
–30
–25
SECOND NYQUIST ZONE
THIRD NYQUIST ZONE
–16dBFS
–12dBFS
–6dBFS
0dBFS
Figure 90. SFDR vs. fOUT over Digital Full Scale
–80
1000
2000
1500
2500
3500
3000
fOUT (MHz)
4000
–60
–65
–70
–75
–50
–55
–45
SECOND NYQUIST ZONE
THIRD NYQUIST ZONE
–16dBFS
–12dBFS
–6dBFS
0dBFS
Figure 91. IMD vs. fOUT over Digital Full Scale
–90
1000
1500
2500
2000
3000
3500
fOUT (MHz)
4000
–10
–20
–30
–40
–50
–60
–70
–80
0
SECOND NYQUIST ZONE
THIRD NYQUIST ZONE
11mA
22mA
33mA
Figure 92. SFDR vs. fOUT over DAC IOUTFS
–90
1000
2000
1500
2500
3500
3000
fOUT (MHz)
4000
–60
–70
–80
–50
–40
–30
SECOND NYQUIST ZONE
THIRD NYQUIST ZONE
11mA
22mA
33mA
Figure 93. IMD vs. fOUT over DAC IOUTFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com