Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9129BBCZRL Datasheet(PDF) 47 Page - Analog Devices

Part # AD9129BBCZRL
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZRL Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9129BBCZRL Datasheet HTML 43Page - Analog Devices AD9129BBCZRL Datasheet HTML 44Page - Analog Devices AD9129BBCZRL Datasheet HTML 45Page - Analog Devices AD9129BBCZRL Datasheet HTML 46Page - Analog Devices AD9129BBCZRL Datasheet HTML 47Page - Analog Devices AD9129BBCZRL Datasheet HTML 48Page - Analog Devices AD9129BBCZRL Datasheet HTML 49Page - Analog Devices AD9129BBCZRL Datasheet HTML 50Page - Analog Devices AD9129BBCZRL Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 47 of 68
The IRQ pin responds only to those interrupts that are enabled. To
clear an IRQ, it is necessary to write a 1b to the bit in Register 0x05
or Register 0x06 that caused the interrupt. See Figure 141 for
a detailed diagram of the interrupt circuitry.
The IRQ can also be used during the AD9119/AD9129
initialization phase after power-up to determine when the
retimer PLL and data receiver controllers achieve lock. For
example, before enabling the retimer PLL, the retimer lock
interrupt enable bit (Register 0x03[0]) can be set, and the IRQ
output signal can be monitored to determine when lock is
established, before continuing in a similar manner with the data
receiver controller. Clear the relevant lock bit, after locking, before
continuing to the next controller. When all of the controllers are
locked, set the appropriate lost lock enable bits in Register 0x03
to continuously monitor the controllers for loss of lock.
R
Q
D
WRITE 1b TO
REQUEST BIT
IRQ ENABLE
SOURCE
IRQ REQUEST
IRQ ENABLE
IRQ ENABLE
IRQ PIN
SINGLE IRQ BIT
Figure 141. Interrupt Request Circuitry
Table 15. Interrupt Request Registers
Addr (Hex)
Bit
Bit Name
Description
0x05
7
FIFO_Warn2 interrupt status
Indicates that the FIFO is within two slots of overwrite
6
FIFO_Warn1 interrupt status
Indicates that the FIFO is within one slot of overwrite
5
SPIFrmAck interrupt status
Indicates acknowledgement that the SFrmReq bit has changed from 0b to 1b
4
Reserved
Reserved
3
DLL warn interrupt status
Indicates that the DLL is close to coming unlocked and action is needed
2
DLL lock interrupt status
Indicates that the DLL is now locked
1
Retimer lost interrupt status
Indicates that the retimer PLL is no longer locked
0
Retimer lock interrupt status
Indicates that the retimer PLL is now locked
0x06
7
Reserved
Reserved
6
AED pass interrupt status
Indicates that the AED logic has captured eight valid samples
5
AED fail interrupt status
Indicates that the AED logic has detected a miscompare
4
SED fail interrupt status
Indicates that the SED logic has detected a miscompare
3
Parity error falling edge status
Indicates a parity fault due to data captured on the falling edge
2
Parity error rising edge status
Indicates a parity fault due to data captured on the rising edge
1
Reserved
Reserved
0
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com