Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
ADAU1977
Data Sheet
Rev. A | Page 40 of 64
SERIAL PORT CONTROL REGISTER1
Address: 0x05, Reset: 0x02, Name: SAI_CTRL0
Table 31. Bit Descriptions for SAI_CTRL0
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
SDATA_FMT
Serial Data Format.
0x0
RW
00
I2S Data Delayed from Edge of LRCLK by 1 BCLK
01
Left Justified
10
Right Justified, 24-Bit Data
11
Right Justified, 16-Bit Data
[5:3]
SAI
Serial Port Mode.
0x0
RW
000
Stereo (I2S, LJ, RJ)
001
TDM2
010
TDM4
011
TDM8
100
TDM16
[2:0]
FS
Sampling Rate.
0x2
RW
000
8 kHz to 12 kHz
001
16 kHz to 24 kHz
010
32 kHz to 48 kHz
011
64 kHz to 96 kHz
100
128 kHz to 192 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com