Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1190 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1190
Description  Integrated 500 mA Load Switch with Quad Signal Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1190 Datasheet(HTML) 3 Page - Analog Devices

  ADP1190 Datasheet HTML 1Page - Analog Devices ADP1190 Datasheet HTML 2Page - Analog Devices ADP1190 Datasheet HTML 3Page - Analog Devices ADP1190 Datasheet HTML 4Page - Analog Devices ADP1190 Datasheet HTML 5Page - Analog Devices ADP1190 Datasheet HTML 6Page - Analog Devices ADP1190 Datasheet HTML 7Page - Analog Devices ADP1190 Datasheet HTML 8Page - Analog Devices ADP1190 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADP1190
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VIN = 1.8 V, VEN = VIN, ILOAD = 200 mA, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +85°C
1.4
3.6
V
EN INPUT
EN Input Threshold
VEN_TH
1.4 V < VIN < 1.8 V, TJ = −40°C to +85°C (active low)
0.35
1.2
V
1.8 V ≤ VIN ≤ 3.6 V, TJ = −40°C to +85°C (active low)
0.45
1.2
V
Logic High Voltage
VIH
1.4 V ≤ VIN ≤ 3.6 V
1.2
V
Logic Low Voltage
VIL
1.4 V ≤ VIN ≤ 3.6 V (chip enable)
0.35
V
EN Input Pull-Up Resistance
REN
4
MΩ
CURRENT
Ground Current1
IGND
OUT open, TJ = −40°C to +85°C
2
µA
Shutdown Current
IOFF
EN = VIN or open
0.7
µA
EN = VIN or open, TJ = −40°C to +85°C
2
µA
Analog Switch Off Current
IA_OFF
Into S1, EN = VIN or open
0.4
µA
LOAD SWITCH VIN TO VOUT RESISTANCE
RDSON
VIN = 3.6 V, ILOAD = 200 mA, EN = 1.5 V
60
mΩ
VIN = 2.5 V, ILOAD = 200 mA, EN = 1.5 V
80
mΩ
VIN = 1.8 V, ILOAD = 200 mA, EN = 1.5 V, TJ = −40°C to +85°C
100
170
mΩ
SIGNAL SWITCH RESISTANCE
RDSON
Maximum value of analog input sweep
VIN = 3.6 V, ILOAD = 10 mA, EN = GND
0.6
Ω
VIN = 2.5 V, ILOAD = 10 mA, EN = GND
1
Ω
VIN = 1.8 V, ILOAD = 10 mA, EN = GND
2.0
Ω
RDS Flatness
VIN = 3.6 V, ILOAD = 10 mA, EN = GND
0.5
Ω
VIN = 1.8 V, ILOAD = 10 mA, EN = GND
1
Ω
OUTPUT DISCHARGE RESISTANCE
RDIS
On load switch output and each analog switch output,
T1, T2, T3, and T4
215
Ω
−3 dB BANDWIDTH
BW3dB
VIN = 3.6 V, RLOAD = 50 Ω, CLOAD = 5 pF, see Figure 23
50
MHz
VOUT TIME
Turn-On Delay Time
tON_DLY
ILOAD = 200 mA, EN = GND, CLOAD = 0. 1 μF
5
ms
Turn-Off Delay Time
tOFF_DLY
VIN = 3.6 V, ILOAD = 200 mA, EN = 1.5 V, CLOAD = 0.1 μF
4
μs
1
Ground current includes EN pull-down current.
TIMING DIAGRAM
Figure 2. Timing Diagram
90%
10%
TURN-OFF
DELAY
TURN-ON
DELAY
TURN-OFF
TIME
TURN-ON
TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com