Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2380AREZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2380AREZ-R7
Description  20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2380AREZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2380AREZ-R7 Datasheet HTML 11Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 12Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 13Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 14Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 15Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 16Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 17Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 18Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
ADP2380
Rev. 0 | Page 15 of 28
APPLICATIONS INFORMATION
INPUT CAPACITOR SELECTION
The input decoupling capacitor is used to attenuate high
frequency noise on the input. This capacitor should be a
ceramic capacitor in the range of 10 µF to 47 µF. Place the
capacitor close to the PVIN pin. The loop composed of this
input capacitor, high-side NFET, and low-side NFET must be
kept as small as possible.
The voltage rating of the input capacitor must be greater than
the maximum input voltage. The rms current rating of the input
capacitor should be larger than the following equation:
)
1
(
_
D
D
I
I
OUT
RMS
CIN
×
×
=
OUTPUT VOLTAGE SETTING
The output voltage of ADP2380 can be set by an external
resistive divider using the following equation:


+
×
=
BOT
TOP
OUT
R
R
V
1
6
.
0
To limit output voltage accuracy degradation due to FB bias
current (0.1 µA maximum) to less than 0.5% (maximum),
ensure that RBOT is less than 30 kΩ.
Table 6 lists the recommended resistor divider values for
various output voltage options.
Table 6. Resistor Divider for Different Output Voltages
VOUT (V)
RTOP, ±1% (kΩ)
RBOT, ±1% (kΩ)
1.0
10
15
1.2
10
10
1.5
15
10
1.8
20
10
2.5
47.5
15
3.3
10
2.21
5.0
22
3
VOLTAGE CONVERSION LIMITATIONS
The minimum output voltage for a given input voltage and
switching frequency is constrained by the minimum on time.
The minimum on time of the ADP2380 is typically 120 ns. The
minimum output voltage at a given input voltage and frequency
can be calculated using the following equation:
VOUT_MIN = VIN × tMIN_ON × fSW − (RDSON_HS − RDSON_LS) ×
IOUT_MIN × tMIN_ON × fSW − (RDSON_LS + RL) × IOUT_MIN
(1)
where:
VOUT_MIN is the minimum output voltage.
tMIN_ON is the minimum on time.
fSW is the switching frequency.
RDSON_HS is the high-side MOSFET on resistance.
RDSON_LS is the low-side MOSFET on resistance.
IOUT_MIN is the minimum output current.
RL is the series resistance of the output inductor.
The maximum output voltage for a given input voltage and
switching frequency is constrained by the minimum off time
and the maximum duty cycle. The minimum off time is typically
200 ns, and the maximum duty cycle of the ADP2380 is
typically 90%.
The maximum output voltage limited by the minimum off time
at a given input voltage and frequency can be calculated using
the following equation:
VOUT_MAX = VIN × (1 − tMIN_OFF × fSW) − (RDSON_HS − RDSON_LS) ×
IOUT_MAX × (1 − tMIN_OFF × fSW) − (RDSON_LS + RL) × IOUT_MAX
(2)
where:
VOUT_MAX is the maximum output voltage.
tMIN_OFF is the minimum off time.
IOUT_MAX is the maximum output current.
The maximum output voltage, limited by the maximum duty
cycle at a given input voltage, can be calculated by using the
following equation:
VOUT_MAX = DMAX × VIN
(3)
where DMAX is the maximum duty.
As Equation 1 to Equation 3 show, reducing the switching
frequency alleviates the minimum on time and minimum off
time limitation.
INDUCTOR SELECTION
The inductor value is determined by the operating frequency,
input voltage, output voltage, and inductor ripple current. Using
a small inductor leads to a faster transient response but degrades
efficiency, due to larger inductor ripple current; whereas, using
a large inductor value leads to smaller ripple current and better
efficiency but results in a slower transient response.
As a guideline, the inductor ripple current, ΔIL, is typically set
to 1/3 of the maximum load current. The inductor can be
calculated using the following equation:
(
)
D
f
I
V
V
L
SW
L
OUT
IN
×
×
=
where:
VIN is the input voltage.
VOUT is the output voltage.
ΔIL is the inductor current ripple.
fSW is the switching frequency.
D is the duty cycle.
IN
OUT
V
V
D =
The ADP2380 uses adaptive slope compensation in the current
loop to prevent subharmonic oscillations when the duty cycle
is larger than 50%. The internal slope compensation limits the
minimum inductor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com