Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5586 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5586
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5586 Datasheet HTML 9Page - Analog Devices ADP5586 Datasheet HTML 10Page - Analog Devices ADP5586 Datasheet HTML 11Page - Analog Devices ADP5586 Datasheet HTML 12Page - Analog Devices ADP5586 Datasheet HTML 13Page - Analog Devices ADP5586 Datasheet HTML 14Page - Analog Devices ADP5586 Datasheet HTML 15Page - Analog Devices ADP5586 Datasheet HTML 16Page - Analog Devices ADP5586 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Data Sheet
ADP5586
Rev. 0 | Page 13 of 44
GPI INPUT
Each of the 10 input/output lines can be configured as a general-
purpose logic input line using the GPIO_INP_EN_A and
GPIO_INP_EN_B registers (Register 0x29 and Register 0x2A).
GPIO lines can be configured to allow both input and output at
the same time. Figure 15 shows a detailed representation of the
GPI scan and detect block and its associated control and status
signals.
GPI_INT
GPIO 1
GPIO 2
GPIO 3
GPIO 4
GPIO 5
GPIO 6
GPIO 7
GPIO 8
GPIO 9
(R0)
(R1)
(R2)
(R3)
(R4)
RST/(R5)
(C0)
(C1)
(C2)
GPIO 10
GPIO 11
(C3)
(C4)
GPI EVENT
KEY EVENT
OVRFLOW_INT
LOGIC EVENT
GPI_INT_LEVEL_A[7:0]
GPI_INT_LEVEL_B[7:0]
GPI_INTERRUPT_EN_A[7:0]
GPIO_OUT_EN_B[7:0]
GPIO_INP_EN_A[7:0]
GPIO_INP_EN_B[7:0]
GPIO_OUT_EN_A[7:0]
PIN_CONFIG_B[7:0]
PIN_CONFIG_A[7:0]
GPI_STATUS_A[5:0]
GPI_STATUS_B[4:0]
GPI_INT_STAT_A[5:0]
GPI_EVENT_EN_A[7:0]
GPI_INTERRUPT_EN_B[7:0]
GPI_EVENT_EN_B[7:0]
EVENT_INT
GPI_INT_STAT_B[4:0]
RESET_TRIG_TIME[3:0]
RESET_EVENT_A[7:0]
RESET_EVENT_B[7:0]
RESET_EVENT_C[7:0]
[FIFO1:FIFO16]
EC[4:0]
FIFO
UPDATE
I2C BUSY
GPI SCAN
CONTROL
Figure 15. GPI Scan and Detect Block
The current input state of each GPI can be read back using the
GPI_STATUS_x registers (Register 0x15 and Register 0x16).
Each GPI can be programmed to generate an interrupt via
the GPI_INTERRUPT_EN_x registers (Register 0x1F and
Register 0x20). The interrupt status is stored in the GPI_INT_
STAT_x registers (Register 0x13 and Register 0x14). GPI interrupts
can be programmed to trigger on the positive or negative edge
by configuring the GPI_INT_LEVEL_x registers (Register 0x1B
and Register 0x1C). If any GPI interrupt is triggered, the master
GPI_INT interrupt bit (Register 0x01, Bit 1) is also triggered.
Figure 16 shows a single GPI and how it affects its correspond-
ing status and the interrupt status bits.
GPI 4
GPI_STATUS_A[3]
GPI_INTERRUPT_EN_A[3]
GPI_INT_STAT_A[3]
GPI_INT
GPI_INT_LEVEL_A[3]
CLEARED
BY READ
CLEARED
BY WRITE ‘1’
Figure 16. Single GPI Example
GPIs can be programmed to generate FIFO events via the
GPI_EVENT_EN_x registers (Register 0x1D and Register 0x1E).
GPIs in this mode do not generate GPI_INT interrupts. Instead,
they generate EVENT_INT interrupts (Register 0x01, Bit 0).
Figure 17 shows several GPI lines and their effects on the FIFO
and event count, EC[4:0].
GPI 2
GPI SCAN
EVENT_INT
EC[4:0]
1
6
GPI 2 ACTIVE
GPI 4
GPI 7
2
3
4
5
GPI 7 ACTIVE
GPI 4 ACTIVE
GPI 4 INACTIVE
GPI 7 INACTIVE
GPI 2 INACTIVE
FIFO
1
1
1
0
0
0
38
38
43
43
40
40
Figure 17. Multiple GPI Example
The GPI scanner is idle until it detects a level transition. It then
scans the GPI inputs and updates accordingly. After updating,
it returns immediately to idle; it does not scan/wait, like the key
scanner. As a result, the GPI scanner can detect both edges of
narrow pulses after they pass the 70 μs input debounce filter.
GPO OUTPUT
Each of the 10 input/output lines can be configured as a general-
purpose output (GPO) line using the GPIO_OUT_EN_A and
GPIO_OUT_EN_B registers (Register 0x27 and Register 0x28).
GPIO lines can be configured to allow both input and output
at the same time (see Figure 5 for a detailed diagram of the I/O
structure). GPO configuration and usage are programmed in the
GPO_DATA_OUT_x and GPO_OUT_MODE_x registers
(Register 0x23 to Register 0x26). See the Detailed Register
Descriptions section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com