Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM5210ARSZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADuM5210ARSZ
Description  Dual-Channel Isolators with Integrated DC-to-DC Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM5210ARSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADuM5210ARSZ Datasheet HTML 12Page - Analog Devices ADuM5210ARSZ Datasheet HTML 13Page - Analog Devices ADuM5210ARSZ Datasheet HTML 14Page - Analog Devices ADuM5210ARSZ Datasheet HTML 15Page - Analog Devices ADuM5210ARSZ Datasheet HTML 16Page - Analog Devices ADuM5210ARSZ Datasheet HTML 17Page - Analog Devices ADuM5210ARSZ Datasheet HTML 18Page - Analog Devices ADuM5210ARSZ Datasheet HTML 19Page - Analog Devices ADuM5210ARSZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADuM5210/ADuM5211/ADuM5212
Data Sheet
Rev. 0 | Page 16 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
0.02
0.04
0.06
0.08
LOAD CURRENT (A)
VDD1 = VDDP = 5V/VDD2 = 5V
VDD1 = VDDP = 5V/VDD2 = 3.3V
VDD1 = VDDP = 3.3V/VDD2 = 3.3V
Figure 6. Typical Power Supply Efficiency at 5 V/5 V, 5 V/3.3 V, and 3.3 V/3.3 V
0
50
100
150
200
250
300
350
400
450
0
10
20
30
40
IISO (mA)
VDD1 = VDDP = 5V/VDD2 = 3.3V
VDD1 = VDDP = 3.3V/VDD2 = 3.3V
VDD1 = VDDP = 5V/VDD2 = 5V
Figure 7. Typical Total Power Dissipation vs. IISO
0
5
10
15
20
25
30
35
0
25
50
75
100
IDDP (mA)
VDD1 = VDDP = 5V/VDD2 = 3.3V
VDD1 = VDDP = 3.3V/VDD2 = 3.3V
VDD1 = VDDP = 5V/VDD2 = 5V
Figure 8. Typical Isolated Output Supply Current, IISO, as a Function
of External Load, at 5 V/5 V, 5 V/3.3 V, and 3.3 V/3.3 V
0
0.4
0.2
0.8
0.6
1.0
1.4
1.8
1.6
2.0
0
0.10
0.05
0.20
0.15
0.25
0.30
0.40
0.45
0.35
0.50
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD1 (V)
POWER DISSIPATION
IDDP
Figure 9. Typical Short-Circuit Input Current and Power vs. VDD1 Supply Voltage
(1ms/DIV)
10% LOAD
90% LOAD
Figure 10. Typical VISO Transient Load Response, 5 V Output,
10% to 90% Load Step
(1ms/DIV)
10% LOAD
90% LOAD
Figure 11. Typical Transient Load Response, 3 V Output,
10% to 90% Load Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com