Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD3C4D2P Datasheet(PDF) 3 Page - Dialight Corporation

Part # LSD3C4D2P
Description  SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LSD3C4D2P Datasheet(HTML) 3 Page - Dialight Corporation

  LSD3C4D2P Datasheet HTML 1Page - Dialight Corporation LSD3C4D2P Datasheet HTML 2Page - Dialight Corporation LSD3C4D2P Datasheet HTML 3Page - Dialight Corporation LSD3C4D2P Datasheet HTML 4Page - Dialight Corporation LSD3C4D2P Datasheet HTML 5Page - Dialight Corporation LSD3C4D2P Datasheet HTML 6Page - Dialight Corporation LSD3C4D2P Datasheet HTML 7Page - Dialight Corporation LSD3C4D2P Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.dialight.com
SafeSite
® LED Linear Fixture
Class I, Div. 2 Version
Mechanical Information
Fixture Weight:
17 lbs (7.71 kg) 4’
12 lbs (5.44 kg) 2’
Shipping Weight:
19 lbs (8.62 kg) 4’
14 lbs (6.35 kg) 2’
Mounting:
(3) 3/4” NPT openings
Optional swivel bracket - LSXW4
Cabling:
10’ (3.5m) SOOW Power cord
(for Gx and Cx Models)
Electrical Specifications
Operating Voltage:
100 - 277V AC 50/60Hz or
347 - 480V AC 50/60Hz
Power Consumption:
See ordering information
Operating Temp:
-40°F to +133°F (-40°C to +55°C)
Harmonics:
EC 61000-3-2
Surge Protection
100 - 277V AC 50/60Hz:
1 kV line to line
2 kV line to ground
347 - 480V AC 50/60Hz:
6 kV line to line
6 kV line to ground
THD:
< 15%
Power Factor:
> 0.9
Power supply equipped with inline fuse
Construction
Body:
Powder coated aluminum
Lens:
Polycarbonate
Photometric Information
CRI:
70
CCT:
6,000K (cool white)
IES Files:
Available upon request
All values typical unless otherwise stated
All lumen values are typical (tolerance +/- 10%)
Certifications & Ratings
• Class I Div. 2 Groups A, B, C, D
• Class II Div. 1 Groups E, F, G
• Class II Div. 2 Groups F, G
• Class III Div. 1
• Class III Div. 2
• UL 1598/A
• UL 844
• UL 8750
• CSA 22.2 No.137-M81
• IP 66 rated
• NEMA 4X rated
LSD Models
• ABS Design Assessed: # 12-HS942957-PDA
Application
The first of its kind, Dialight’s SafeSite
® LED linear fixture replaces HID and
fluorescent lighting fixtures in industrial applications and hazardous location
applications.
The SafeSite LED Linear fixture’s rugged solid state design makes it highly
resistant to shock and vibration. Its fully gasketed IP 66 rated enclosure
makes it suitable for dust & wet locations, its 1598A rating guarantees added
protection from salt water spray. The SafeSite LED Linear’s superior design
allows for mounting versatility and ease of installation for many lighting
applications.
3.10
(78.8)
6.40
(162.5)
47.93
(1217.5)
23.93
(607.9)
Temperature Ratings
Ambient Temperature Range
T5 Temperature Code
-40°F to +149°F (-40°C to +65°C)
Mounting Options
Conduit Top Mount
Conduit Side Mount
LSXW4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com