Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PES1-M Datasheet(PDF) 3 Page - CUI INC

Part # PES1-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PES1-M Datasheet(HTML) 3 Page - CUI INC

  PES1-M Datasheet HTML 1Page - CUI INC PES1-M Datasheet HTML 2Page - CUI INC PES1-M Datasheet HTML 3Page - CUI INC PES1-M Datasheet HTML 4Page - CUI INC PES1-M Datasheet HTML 5Page - CUI INC PES1-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PES1-M │ DESCRIPTION: DC-DC CONVERTER
date 03/19/2013
│ page 3 of 6
0.25
[0.010
]
±
0.10
±
0.004
1.00 [0.039]
4
5
2
1
11.20
[0.441
]
±
0.30
±
0.012
12.70± 0.20
[0.500
]
±
0.008
1 24
5
8
A
A
8
2.54
[0.100]
7.62
[0.300]
0.60± 0.10
[0.020
]
±
0.004
2.54
[0.100
]
±
0.20
±
0.08
0.10
9.77
[0.385
]
±
0.20
±
0.079
0.88
[0.035
]
±
0.20
±
0.008
1.45
[0.057
]
±
0.20
±
0.008
2.54
[0.100]
7.62
[0.300]
Top View
Front View
Side View
Top View
PCB Layout
Grid Size:
2.54mm x 2.54mm
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
12.70 x 8.30 x 7.25 (0.500 x 0.327 x 0.285 inch)
mm
case material
epoxy resin (UL94-V0)
weight
1.52
g
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
Function
1
GND
2
Vin
4
0V
5
+Vo
8
NC
units: mm[inch]
tolerance: ±0.20[±0.010]
pin section tolerance: ±0.10[±0.008]
parameter
conditions/description
min
typ
max
units
hand soldering
1.5 mm from case for 10 seconds
300
°C
reflow soldering
see reflow soldering profile
245
°C
SOLDERABILITY
0
50
100
150
200
250
245
217
60
Max
(>217)
Sec
C
°
Time (sec.)
Peak Temp 245°C(max.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com