Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53142HP Datasheet(PDF) 1 Page - ebm-papst

Part # 53142HP
Description  DC axial fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

53142HP Datasheet(HTML) 1 Page - ebm-papst

  53142HP Datasheet HTML 1Page - ebm-papst 53142HP Datasheet HTML 2Page - ebm-papst 53142HP Datasheet HTML 3Page - ebm-papst 53142HP Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC axial fan
5314 /2HP
ebm-papst St. Georgen GmbH & Co. KG
Hermann-Papst-Straße 1
D-78112 St. Georgen
Phone +49 7724 81-0
Fax +49 7724 81-1309
info2@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
5314 /2HP
Nominal voltage
VDC
24
Nominal voltage range
VDC
16 .. 28
Speed
min-1
5000
Power input
W
28.4
Min. ambient temperature
°C
-20
Max. ambient temperature
°C
65
Air flow
m3/h
340
Sound power level
B
7.2
Sound pressure level
dB(A)
64
ml = max. load · me = max. efficiency · rfa = running at free air · cs = customer specs · cu = customer unit
Subject to alterations
Web data sheet D · Page 1 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - 53142HP

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
531422 FESTO-531422 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531423 FESTO-531423 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531424 FESTO-531424 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
logo
SICK AG
5314244 SICK-5314244 Datasheet
507Kb / 6P
COMPACT PHOTOELECTRIC SENSORS
2019-01-28 13:26:15
logo
Festo Corporation.
531426 FESTO-531426 Datasheet
84Kb / 2P
Pressure regulator
3/16/22
More results

Similar Description - 53142HP

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com