Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPQ2222 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMPQ2222
Description  Quad General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMPQ2222 Datasheet(HTML) 2 Page - Motorola, Inc

  MMPQ2222 Datasheet HTML 1Page - Motorola, Inc MMPQ2222 Datasheet HTML 2Page - Motorola, Inc MMPQ2222 Datasheet HTML 3Page - Motorola, Inc MMPQ2222 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMPQ2222 MMPQ2222A
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain(1)
(IC = 100 mA, VCE = 10 V)
MMPQ2222A
(IC = 1.0 mA, VCE = 10 V)
MMPQ2222A
(IC = 10 mA, VCE = 10 V)
MMPQ2222
MMPQ2222A
(IC = 150 mA, VCE = 10 V)
MMPQ2222
MMPQ2222A
(IC = 300 mA, VCE = 10 V)
MMPQ2222
(IC = 500 mA, VCE = 10 V)
MMPQ2222A
(IC = 150 mA, VCE = 1.0 V)
MMPQ2222A
hFE
35
50
75
75
100
100
30
40
50
—
—
—
—
—
—
—
—
—
—
—
—
—
—
300
—
—
—
—
Collector – Emitter Saturation Voltage(1)
(IC = 150 mAdc, IB = 15 mAdc)
MMPQ2222
MMPQ2222A
(IC = 300 mAdc, IB = 30 mAdc)
MMPQ2222
(IC = 500 mAdc, IB = 50 mAdc)
MMPQ2222A
VCE(sat)
—
—
—
—
—
—
—
—
0.4
0.3
1.6
1.0
Vdc
Base – Emitter Saturation Voltage(1)
(IC = 150 mAdc, IB = 15 mAdc)
MMPQ2222
MMPQ2222A
(IC = 300 mAdc, IB = 30 mAdc)
MMPQ2222
(IC = 500 mAdc, IB = 50 mAdc)
MMPQ2222A
VBE(sat)
—
—
—
—
—
—
—
—
1.3
1.2
2.6
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current – Gain — Bandwidth Product(1)
(IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz)
fT
200
350
—
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
4.5
—
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cib
—
17
—
pF
SWITCHING CHARACTERISTICS
Turn–On Time
(VCC = 30 Vdc, VBE(off) = –0.5 Vdc, IC = 150 mAdc,
IB1 = 15 mAdc)
ton
—
25
—
ns
Turn–Off Time
(VCC = 30 Vdc, IC = 150 mAdc, IB1 = IB2 = 15 mAdc)
toff
—
250
—
ns
1. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com