Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4172 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4172
Description  75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal .295 inch D HOLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4172 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4172 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4172 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
Configuration
Connector
SMB Jack
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.61 [15.49]
Width/Dia., in [mm]
0.375 [9.53]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMB Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4172
URL: http://www.pasternack.com/smb-jack-standard-solder-cup-terminal-connector-pe4172-p.aspx
PE4172
PE4172 REV
75 Ohm SMB Jack Bulkhead Connector Solder
Attachment Solder Cup Terminal, .295 inch D Hole


Similar Part No. - PE4172

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4170 PASTERNACK-PE4170 Datasheet
824Kb / 2P
SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4170 PASTERNACK-PE4170 Datasheet
348Kb / 3P
SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4170 PASTERNACK-PE4170_16 Datasheet
348Kb / 3P
SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4171 PASTERNACK-PE4171 Datasheet
818Kb / 2P
SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4171 PASTERNACK-PE4171 Datasheet
348Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results

Similar Description - PE4172

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4173 PASTERNACK-PE4173 Datasheet
812Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole, Front Mount
PE4169 PASTERNACK-PE4169 Datasheet
287Kb / 1P
75 ohm smc Jack Bulkhead Connector SOLDER Attachment Solder Cup Terminal, .295 inch D Hole Read mount
PE4287 PASTERNACK-PE4287 Datasheet
868Kb / 2P
75 Ohm SMC Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal .295 inch D Hole
PE4290 PASTERNACK-PE4290 Datasheet
205Kb / 2P
75 Ohm SMB Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4291 PASTERNACK-PE4291 Datasheet
205Kb / 2P
75 Ohm SMC Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4168 PASTERNACK-PE4168 Datasheet
204Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .317 inch Diameter
PE4170 PASTERNACK-PE4170 Datasheet
824Kb / 2P
SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4286 PASTERNACK-PE4286 Datasheet
213Kb / 3P
75 Ohm SMB Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4284 PASTERNACK-PE4284 Datasheet
220Kb / 3P
SMB Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4173 PASTERNACK-PE4173_16 Datasheet
349Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com