Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4344 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4344
Description  N Male Connector Crimp/Solder Attachment For RG8X, PE-C240
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4344 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4344 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4344 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Male Connector Crimp/Solder Attachment For RG8X, PE-C240
N Male Connector Crimp/Solder Attachment For RG8X, PE-C240
Configuration
Connector
N Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG8X,PE-C240
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.394 [35.41]
Width/Dia., in [mm]
0.827 [21]
Weight, lbs [g]
0.082 [37.19]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-standard-rg8x-pe-c240-connector-pe4344-p.aspx
N Male Connector Crimp/Solder Attachment For RG8X, PE-C240 from Pasternack Enterprises has same day shipment for
domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE4344
PE4344 REV


Similar Part No. - PE4344

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4344 PASTERNACK-PE4344 Datasheet
351Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4344 PASTERNACK-PE4344_16 Datasheet
351Kb / 3P
N Male Connector Crimp/Solder Attachment
More results

Similar Description - PE4344

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4379 PASTERNACK-PE4379 Datasheet
318Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG8X,PE-C240
PE44634 PASTERNACK-PE44634 Datasheet
214Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44640 PASTERNACK-PE44640 Datasheet
205Kb / 2P
BNC Male Connector Crimp-Solder Attachment For RG8X, PE-C240, B7808A, 0.240 inch
PE44641 PASTERNACK-PE44641 Datasheet
294Kb / 2P
BNC Male Right Angle Connector Crimp-Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44642 PASTERNACK-PE44642 Datasheet
205Kb / 2P
BNC Female Connector Crimp-Solder Attachment For RG8X, LMR-240, PE-C240
PE44637 PASTERNACK-PE44637 Datasheet
215Kb / 2P
SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44639 PASTERNACK-PE44639 Datasheet
242Kb / 2P
SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44664 PASTERNACK-PE44664 Datasheet
209Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44670 PASTERNACK-PE44670 Datasheet
206Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44636 PASTERNACK-PE44636 Datasheet
207Kb / 2P
TNC Female Connector Crimp/Solder Attachment For RG8X, PE-C240, LMR-240
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com