Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC50AW Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # KBPC50AW
Description  Surge overload -240~500 Amperes peak
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

KBPC50AW Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  KBPC50AW Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd KBPC50AW Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE TEMPERATURE,℃
FIG.2- DERATING CURVE
OUTPUT RECTIFIED CURRENT
150
20
100
0
10
30
40
50
50
KBPC10W
KBPC15W
KBPC25W
KBPC50W
KBPC35W
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
10
1.0
0.1
0.01
0
120
20
40
60
80
100
140
TJ=25℃
NUMBER OF CYCLES AT 60Hz
FIG.1-MAXIMUM FORWARD SURGE CURRENT
200
100
0
300
500
600
400
100
10
1
KBPC10W
KBPC50W
KBPC25/35W
KBPC15W
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
0.4
100
10
1.0
0.1
0.01
1.6
KBPC10W
KBPC25W
KBPC15W
KBPC35/50W
http://www.luguang.cn
Email:lge@luguang.cn
KBPC10/15/25/35/50AW SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com