Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT02PC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ACT02PC
Description  Quad 2-Input NOR Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT02PC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ACT02PC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
DC Electrical Characteristics for ACT
Note 6: All outputs loaded; thresholds on input associated with output under test.
Note 7: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 8: Voltage Range 3.3 is 3.3V
r 0.3V
Voltage Range 5.0 is 5.0V
r 0.5V
AC Electrical Characteristics for ACT
Note 9: Voltage Range 5.0 is 5.0V
r 0.5V
Capacitance
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT 0.1V or
Input Voltage
5.5
1.5
2.0
2.0
VCC  0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT 0.1V or
Input Voltage
5.5
1.5
0.8
0.8
VCC  0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
V
IOUT 50 PA
Output Voltage
5.5
5.49
5.4
5.4
VIN VIL or VIH
4.5
3.86
3.76
V
IOH 24 mA
5.5
4.86
4.76
IOH 24 mA (Note 6)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
V
IOUT 50 PA
Output Voltage
5.5
0.001
0.1
0.1
VIN VIL or VIH
4.5
0.36
0.44
V
IOL 24 mA
5.5
0.36
0.44
IOL 24 mA (Note 6)
IIN
Maximum Input
5.5
r0.1
r1.0
PAVI VCC, GND
Leakage Current
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI VCC  2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Max
IOHD
Output Current (Note 7)
5.5
75
mA
VOHD 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
PAVIN VCC or GND
Supply Current
VCC
TA 25qC
TA 40qCto 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
5.0
7.5
1.0
8.0
ns
5.0
1.5
4.0
6.0
1.0
6.5
tPHL
Propagation Delay
3.3
1.5
5.0
7.5
1.0
8.0
ns
5.0
1.5
4.5
6.5
1.0
7.0
VCC
TA 25qCTA 40qCto 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 9)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.0
6.0
8.5
1.0
9.0
ns
tPHL
Propagation Delay
5.0
1.0
6.5
9.5
1.0
10.0
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
CPD
Power Dissipation Capacitance
30.0
pF
VCC 5.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com