Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT151SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACT151SC
Description  8-Input Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT151SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACT151SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT151SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT151SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT151SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT151SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT151SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT151SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT151SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT151SC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009927
www.fairchildsemi.com
November 1988
Revised November 1999
74AC151 • 74ACT151
8-Input Multiplexer
General Description
The AC/ACT151 is a high-speed 8-input digital multiplexer.
It provides, in one package, the ability to select one line of
data from up to eight sources. The AC/ACT151 can be
used as a universal function generator to generate any
logic function of four variables. Both true and complemen-
tary outputs are provided.
Features
s ICC reduced by 50%
s Outputs source/sink 24 mA
s ACT151 has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74AC151SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
74AC151SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC151MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC151PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
74ACT151SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
74ACT151SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT151PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
I0–I7
Data Inputs
S0–S2
Select Inputs
E
Enable Input
Z
Data Output
Z
Inverted Data Output


Similar Part No. - 74ACT151SC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT151 ONSEMI-74ACT151 Datasheet
237Kb / 10P
1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
More results

Similar Description - 74ACT151SC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
8-Input Multiplexer
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
8-Input Multiplexer
logo
NXP Semiconductors
74ALS151 PHILIPS-74ALS151 Datasheet
98Kb / 8P
8-input multiplexer
1991 Feb 08
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
8-Input Multiplexer
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
8-INPUT MULTIPLEXER
October 17 1990
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
8-Input Multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
8-input multiplexer
Rev. 5-26 January 2015
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
8-input multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com