Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F640 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z8F640
Description  Advanced 20MHz 64KB Flash Microcontroller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F640 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z8F640 Datasheet HTML 1Page - Zilog, Inc. Z8F640 Datasheet HTML 2Page - Zilog, Inc. Z8F640 Datasheet HTML 3Page - Zilog, Inc. Z8F640 Datasheet HTML 4Page - Zilog, Inc. Z8F640 Datasheet HTML 5Page - Zilog, Inc. Z8F640 Datasheet HTML 6Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PB009511-0903
Z8 Encore!®
Advanced 20MHz 64KB Flash Microcontroller
2
eZ8 Microprocessor Features
•
New instructions for improved performance
including BIT, BSWAP, BTJ, CPC, LDC,
LDCI, LEA, MULT, and SRL
•
New instructions support 12-bit linear address-
ing of the Register File
•
Compatible with existing Z8® code
•
Up to 10 MIPS operation
•
C-Compiler friendly
•
2-9 clock cycles per instruction
Z8 Encore!® Development Kit
The Z8 Encore!® Development Kit includes the
following:
Hardware
•
Z8 Encore!® evaluation board
•
RS-232 DB9 serial cable
•
9VDC universal power supply
•
Z8 Encore!® target interface module
Software
•
ZDS II - Z8 Encore!® IDE with ANSI C-Com-
piler
•
Sample code
Documentation
•
Quick Start Guide
•
Registration Card
•
Z8 Encore!® technical documentation (on CD-
ROM):
–
Development Kit User Manual
–
ZDS II - IDE User Manual
–
eZ8 CPU User Manual
–
Product Specification
–
Product briefs
–
Application notes
–
Programmer’s Reference Sheet
–
Flyer
–
Selector guide



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com