Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C30 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z86C30
Description  General-Purpose Register File. Flexible I/O. Analog Inputs
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C30 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z86C30 Datasheet HTML 15Page - Zilog, Inc. Z86C30 Datasheet HTML 16Page - Zilog, Inc. Z86C30 Datasheet HTML 17Page - Zilog, Inc. Z86C30 Datasheet HTML 18Page - Zilog, Inc. Z86C30 Datasheet HTML 19Page - Zilog, Inc. Z86C30 Datasheet HTML 20Page - Zilog, Inc. Z86C30 Datasheet HTML 21Page - Zilog, Inc. Z86C30 Datasheet HTML 22Page - Zilog, Inc. Z86C30 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 348 page
background image
Z8 CPU
User Manual
UM001602-0904
Z8 CPU Product Overview
1
Z8 CPU Product Overview
The ZiLOG Z8 microcontroller (MCU) product line continues to expand
with new product introductions. ZiLOG MCU products are targeted for
cost-sensitive, high-volume applications including consumer, automotive,
security, and HVAC. It includes ROM-based products geared for high-
volume production (where software is stable) and one-time programma-
ble (OTP) equivalents for prototyping as well as volume production
where time to market or code flexibility is critical (see Table 1 on page 4).
A variety of packaging options are available including plastic DIP, SOIC,
PLCC, and QFP.
A generalized Z8 CPU® block diagram is shown in Figure 1. The same
on-chip peripherals are used across the MCU product line with the pri-
mary differences being the amount of ROM/RAM, number of I/O lines
present, and packaging/temperature ranges available. This allows code
written for one MCU device to be easily ported to another family mem-
ber.
Key Features
General-Purpose Register File.
Every RAM register acts like an accu-
mulator, speeding instruction execution and maximizing coding effi-
ciency. Working register groups allow fast context switching.
Flexible I/O.
I/O byte, nibble, and/or bit programmable as inputs or out-
puts. Outputs are software programmable as open-drain or push–pull on a
port basis. Inputs are Schmitt-triggered with autolatches to hold unused
inputs at a known voltage state.
Analog Inputs.
Three input pins are software programmable as digital or
analog inputs. When in analog mode, two comparator inputs are provided
with a common reference input. These inputs are ideal for a variety of
common functions, including threshold level detection, analog-to-digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com