Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM2512S Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CSM2512S
Description  Technology High Precision, Current Sensing, Power Surface Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSM2512S Datasheet(HTML) 4 Page - Vishay Siliconix

  CSM2512S Datasheet HTML 1Page - Vishay Siliconix CSM2512S Datasheet HTML 2Page - Vishay Siliconix CSM2512S Datasheet HTML 3Page - Vishay Siliconix CSM2512S Datasheet HTML 4Page - Vishay Siliconix CSM2512S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CSM2512S
Vishay Foil Resistors
www.vishayfoilresistors.com
For any questions, contact: foil@vishaypg.com
Document Number: 63145
4
Revision: 3-May-11
Note
(1) For non-standard requests, please contact application engineering.
FIGURE 3 - LOAD LIFE RESULTS OF CSM2512S VS. CSM2512
-1500
-1000
-500
0
500
1000
1500
0
500
1000
1500
2000
2500
Time (Hours)
CSM2512S 0R05
Load Life 2000 HRS @ 1 W @ +70°C (15 units)
-3000
-2500
-2000
-1500
-1000
-500
0
500
1000
1500
2000
2500
3000
0
500
1000
1500
2000
Time (Hours)
CSM2512 0R05
Load Life 2000 HRS @ 1 W @ +70°C (15 units)
TABLE 3 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y44870R10000B0R (preferred part number format)
DENOTES PRECISION
VALUE
CHARACTERISTICS (1)
YR =
Ω
0 = standard part, tin/lead termination
9 = standard part, lead (Pb)-free termination
1 - 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
4487 = CSM2512S
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
W = waffle pack
R = tape and reel
FOR EXAMPLE: ABOVE GLOBAL ORDER Y4487 0R10000 B 0 R:
TYPE: CSM2512S
VALUE: 100.0 m
Ω
ABSOLUTE TOLERANCE: ± 0.1 %
TERMINATION: standard tin/lead
PACKAGING: tape and reel
HISTORICAL PART NUMBER: CSM2512S 0R1000 B B T (will continue to be used)
CSM2512S
0R1000
B
B
T
MODEL
OHMIC VALUE
ABS. TOLERANCE
TERMINATION
PACKAGING
0R1000 = 0.100
Ω
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
S = lead (Pb)-free
B = tin/lead
T = tape and reel
W = waffle pack
487
0
1
00
R
Y4
B0
0
R
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com