Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4663 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4663
Description  RP TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4663 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4663 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4663 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4663 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP TNC Male Connector Crimp/Solder Attachment
For RG55, RG141, RG142, RG223, RG400
RP TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
Configuration
Connector
TNC Male Reverse Polarity
Connector Interface Type
RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Frequency 1
Frequency, GHz
DC to 10
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.135 [28.83]
Width/Dia., in [mm]
0.59 [15]
.
Weight, lbs [g]
0.034 [15.42]
Connector
Type
TNC Male Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: RP TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223,
RG400 PE4663
PE4663
PE4663 REV


Similar Part No. - PE4663

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4660 PASTERNACK-PE4660 Datasheet
111Kb / 1P
REVERSE POLARITY TNC MALE CRIMP ATTACHMENT FOR RG213
PE4661 PASTERNACK-PE4661 Datasheet
299Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4662 PASTERNACK-PE4662 Datasheet
317Kb / 3P
RP TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4664 PASTERNACK-PE4664 Datasheet
108Kb / 1P
REVERSE POLARITY TNC MALE CRIMP ATTACHMENT FOR RG58
PE4665 PASTERNACK-PE4665 Datasheet
363Kb / 3P
RF Connectors Technical Data Sheet
More results

Similar Description - PE4663

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4662 PASTERNACK-PE4662 Datasheet
317Kb / 3P
RP TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44471 PASTERNACK-PE44471 Datasheet
246Kb / 2P
RP N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4042 PASTERNACK-PE4042 Datasheet
261Kb / 2P
N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4781 PASTERNACK-PE4781 Datasheet
214Kb / 3P
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4445 PASTERNACK-PE4445 Datasheet
231Kb / 3P
C Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4047 PASTERNACK-PE4047 Datasheet
268Kb / 3P
TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4657 PASTERNACK-PE4657 Datasheet
111Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 & RG400
PE4767 PASTERNACK-PE4767 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4793 PASTERNACK-PE4793 Datasheet
221Kb / 3P
RP SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44975 PASTERNACK-PE44975 Datasheet
200Kb / 2P
RP SMA Male Right Angle Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com