Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSF3P03HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMSF3P03HD
Description  SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF3P03HD Datasheet(HTML) 1 Page - Motorola, Inc

  MMSF3P03HD Datasheet HTML 1Page - Motorola, Inc MMSF3P03HD Datasheet HTML 2Page - Motorola, Inc MMSF3P03HD Datasheet HTML 3Page - Motorola, Inc MMSF3P03HD Datasheet HTML 4Page - Motorola, Inc MMSF3P03HD Datasheet HTML 5Page - Motorola, Inc MMSF3P03HD Datasheet HTML 6Page - Motorola, Inc MMSF3P03HD Datasheet HTML 7Page - Motorola, Inc MMSF3P03HD Datasheet HTML 8Page - Motorola, Inc MMSF3P03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS P-Channel
Field Effect Transistors
MiniMOS
™ devices are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density HDTMOS process.
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain–to–source diode has a very low reverse recovery time.
MiniMOS devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc–dc converters, and power management in
portable and battery powered products such as computers,
printers, cellular and cordless phones. They can also be used for
low voltage motor controls in mass storage products such as disk
drives and tape drives. The avalanche energy is specified to
eliminate the guesswork in designs where inductive loads are
switched and offer additional safety margin against unexpected
voltage transients.
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Avalanche Energy Specified
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)(1)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
30
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
30
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 20
Vdc
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 100°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
4.6
3.0
50
Adc
Apk
Total Power Dissipation @ TA = 25°C (2)
PD
2.5
Watts
Operating and Storage Temperature Range
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 20 Vdc, VGS = 5.0 Vdc, IL = 9.0 Apk, L = 14 mH, RG = 25 Ω)
EAS
567
mJ
Thermal Resistance — Junction to Ambient (2)
R
θJA
50
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
DEVICE MARKING
S3P03
(1) Negative signs for P–Channel device omitted for clarity.
(2) Mounted on 2” square FR4 board (1” sq. 2 oz. Cu 0.06” thick single sided), 10 sec. max.
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMSF3P03HDR2
13
″
12 mm embossed tape
2500 units
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s, HDTMOS and MiniMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Order this document
by MMSF3P03HD/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
D
S
G
CASE 751–05, Style 13
SO–8
MMSF3P03HD
SINGLE TMOS POWER FET
3.0 AMPERES
30 VOLTS
RDS(on) = 0.1 OHM
Motorola Preferred Device
™
N–C
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 5


Similar Part No. - MMSF3P03HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSF3P03HD ONSEMI-MMSF3P03HD Datasheet
273Kb / 12P
P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMSF3P03HDR2 ONSEMI-MMSF3P03HDR2 Datasheet
273Kb / 12P
P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results

Similar Description - MMSF3P03HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT5P03HD MOTOROLA-MMFT5P03HD Datasheet
198Kb / 12P
TMOS MEDIUM POWER FET 5.2 AMPERES 30 VOLTS
MMSF3P02HD MOTOROLA-MMSF3P02HD Datasheet
302Kb / 10P
SINGLE TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MMSF4P01HD MOTOROLA-MMSF4P01HD Datasheet
297Kb / 10P
SINGLE TMOS POWER FET 4.0 AMPERES 12 VOLTS
MTB30N06VL MOTOROLA-MTB30N06VL Datasheet
262Kb / 10P
TMOS POWER FET 30 AMPERES 60 VOLTS
MTB30P06V MOTOROLA-MTB30P06V Datasheet
247Kb / 10P
TMOS POWER FET 30 AMPERES 60 VOLTS
MTB3N100E MOTOROLA-MTB3N100E Datasheet
262Kb / 10P
TMOS POWER FET 3.0 AMPERES 1000 VOLTS
MTB3N120E MOTOROLA-MTB3N120E Datasheet
322Kb / 12P
TMOS POWER FET 3.0 AMPERES 1200 VOLTS
MTB3N60E MOTOROLA-MTB3N60E Datasheet
74Kb / 4P
TMOS POWER FET 3.0 AMPERES 600 VOLTS
MTB50P03HDL MOTOROLA-MTB50P03HDL Datasheet
182Kb / 12P
TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS
MTD1302 MOTOROLA-MTD1302 Datasheet
205Kb / 12P
TMOS POWER FET 20 AMPERES 30 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com