Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8237ARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8237ARMZ
Description  Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8237ARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8237ARMZ Datasheet HTML 10Page - Analog Devices AD8237ARMZ Datasheet HTML 11Page - Analog Devices AD8237ARMZ Datasheet HTML 12Page - Analog Devices AD8237ARMZ Datasheet HTML 13Page - Analog Devices AD8237ARMZ Datasheet HTML 14Page - Analog Devices AD8237ARMZ Datasheet HTML 15Page - Analog Devices AD8237ARMZ Datasheet HTML 16Page - Analog Devices AD8237ARMZ Datasheet HTML 17Page - Analog Devices AD8237ARMZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8237
Data Sheet
Rev. 0 | Page 14 of 28
0.010
–0.010
–2.5
–2.0
2.5
COMMON-MODE VOLTAGE (V)
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
VIN = ±500mV
Figure 34. Gain Error vs. Common-Mode Voltage, G = 1
10
8
–10
–8
–6
6
4
2
–4
–2
0
0
0.5
1.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
OUTPUT VOLTAGE (V)
G = 1
Figure 35. Gain Nonlinearity, G = 1, VS = 5 V, RL = 10 kΩ to Ground,
Low Bandwidth Mode
10
8
–10
–8
–6
6
4
2
–4
–2
0
0
0.5
1.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
OUTPUT VOLTAGE (V)
G = 10
Figure 36. Gain Nonlinearity, G = 10, VS = 5 V, RL = 10 kΩ to Ground
20
–20
–15
–10
–5
0
5
10
15
0
0.5
1.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
OUTPUT VOLTAGE (V)
G = 100
Figure 37. Gain Nonlinearity, G = 100, VS = 5 V, RL = 10 kΩ to Ground
50
40
–50
–40
–30
30
20
10
–20
–10
0
0
0.5
1.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
OUTPUT VOLTAGE (V)
G = 1000
Figure 38. Gain Nonlinearity, G = 1000, VS = 5 V, RL = 10 kΩ to Ground
G = 1
LOW BANDWIDTH MODE
1V/DIV
400µs/DIV
Figure 39. Large Signal Pulse Response, Low Bandwidth Mode,
G = 1, RL = 10 kΩ, CL = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com