Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9554BBS Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCAL9554BBS
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554BBS Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCAL9554BBS Datasheet HTML 17Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 18Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 19Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 20Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 21Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 22Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 23Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 24Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
21 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
9.
Limiting values
[1]
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
10. Recommended operating conditions
11. Thermal characteristics
[1]
The package thermal impedance is calculated in accordance with JESD 51-7.
Table 19.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+6.5
V
VI
input voltage
[1]
0.5
+6.5
V
VO
output voltage
[1]
0.5
+6.5
V
IIK
input clamping current
A0, A1, A2, SCL; VI <0 V
-
20
mA
IOK
output clamping current
INT; VO <0V
-
20
mA
IIOK
input/output clamping current
P port; VO <0V or VO >VDD
-
20
mA
SDA; VO <0V or VO >VDD
-
20
mA
IOL
LOW-level output current
continuous; I/O port
-
50
mA
continuous; SDA, INT
-25
mA
IOH
HIGH-level output current
continuous; P port
-
25
mA
IDD
supply current
-
160
mA
ISS
ground supply current
-
200
mA
Ptot
total power dissipation
-
200
mW
Tstg
storage temperature
65
+150
C
Tj(max)
maximum junction temperature
-
125
C
Table 20.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
1.65
5.5
V
VIH
HIGH-level input voltage
SCL, SDA
0.7
 V
DD
5.5
V
A0, A1, A2, P port
0.7
 V
DD
5.5
V
VIL
LOW-level input voltage
SCL, SDA
0.5
0.3
 V
DD
V
A0, A1, A2, P port
0.5
0.3
 V
DD
V
IOH
HIGH-level output current
P port
-
10
mA
IOL
LOW-level output current
P port
-
25
mA
Tamb
ambient temperature
operating in free air
40
+85
C
Table 21.
Thermal characteristics
Symbol
Parameter
Conditions
Max
Unit
Zth(j-a)
transient thermal impedance from junction to ambient
HVQFN16 package
[1] 53
K/W
TSSOP16 package
[1] 108
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com