Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4816 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4816
Description  D-Sub Receptacle Right Angle Contact Crimp/ Solder Attachment For RG58, RG141, RG303
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4816 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4816 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4816 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Receptacle Right Angle Contact Crimp/Solder Attachment For RG58, RG141, RG303
Configuration
Connector
D-Sub Receptacle
Connector Interface Type
RG58,RG141,RG303
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.755 [19.18]
Height, in [mm]
0.715 [18.16]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Receptacle
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Receptacle Right Angle Contact Crimp/Solder Attachment For RG58, RG141, RG303 from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Receptacle Right Angle Contact Crimp/Solder Attachment For RG58, RG141, RG303
PE4816
URL: http://www.pasternack.com/d-sub-receptacle-standard-rg58-rg141-rg303-connector-pe4816-p.aspx
PE4816
PE4816 REV
D-Sub Receptacle Right Angle Contact Crimp/
Solder Attachment For RG58, RG141, RG303


Similar Part No. - PE4816

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
PE4816-I YHDC-PE4816-I Datasheet
609Kb / 1P
PE series PCB safety isolation transformer
More results

Similar Description - PE4816

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44460 PASTERNACK-PE44460 Datasheet
265Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE4808 PASTERNACK-PE4808 Datasheet
252Kb / 2P
D-Sub Plug Contact Crimp/Solder Attachment For RG58, RG141, RG303
PE4820 PASTERNACK-PE4820 Datasheet
93Kb / 1P
D SUBMINIA TURE RECEPTACLE RIGHT ANGLE SOLDER ATTACHMENT FOR RG58 RG141 RG303
PE4828 PASTERNACK-PE4828 Datasheet
248Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG58, RG141, RG303
PE4804 PASTERNACK-PE4804 Datasheet
253Kb / 2P
D-Sub Receptacle Contact Solder Attachment For RG58, RG141, RG303
PE4800 PASTERNACK-PE4800 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG58,RG141,RG303
PE4824 PASTERNACK-PE4824 Datasheet
203Kb / 2P
D-Sub Plug Right Angle Contact Crimp/Solder Attachment For RG58, RG141, RG303
PE44596 PASTERNACK-PE44596 Datasheet
221Kb / 3P
QN Male Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE44506 PASTERNACK-PE44506 Datasheet
212Kb / 2P
QMA Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141
PE44601 PASTERNACK-PE44601 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141, RG303
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com