Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC7SET02 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # XC7SET02
Description  High-speed Si-gate CMOS device, 2-input NOR function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7SET02 Datasheet(HTML) 3 Page - NXP Semiconductors

  XC7SET02 Datasheet HTML 1Page - NXP Semiconductors XC7SET02 Datasheet HTML 2Page - NXP Semiconductors XC7SET02 Datasheet HTML 3Page - NXP Semiconductors XC7SET02 Datasheet HTML 4Page - NXP Semiconductors XC7SET02 Datasheet HTML 5Page - NXP Semiconductors XC7SET02 Datasheet HTML 6Page - NXP Semiconductors XC7SET02 Datasheet HTML 7Page - NXP Semiconductors XC7SET02 Datasheet HTML 8Page - NXP Semiconductors XC7SET02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
XC7SET02_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 31 August 2009
3 of 11
NXP Semiconductors
XC7SET02
2-input NOR gate
7.
Functional description
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For both TSSOP5 and SC-74A packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
Table 4.
Function table
H = HIGH voltage level; L = LOW voltage level
Inputs
Output
A
B
Y
LLH
LH
L
HL
L
HHL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
−0.5 V < VO <VCC + 0.5 V
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com