Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC157 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M54HC157
Description  Rad-hard high speed 2 to 6 V CMOS logic series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC157 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M54HC157 Datasheet HTML 12Page - STMicroelectronics M54HC157 Datasheet HTML 13Page - STMicroelectronics M54HC157 Datasheet HTML 14Page - STMicroelectronics M54HC157 Datasheet HTML 15Page - STMicroelectronics M54HC157 Datasheet HTML 16Page - STMicroelectronics M54HC157 Datasheet HTML 17Page - STMicroelectronics M54HC157 Datasheet HTML 18Page - STMicroelectronics M54HC157 Datasheet HTML 19Page - STMicroelectronics M54HC157 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Package mechanical data
M54HCxxx - M54HCTxxx
16/29
Doc ID 17367 Rev 2
Figure 4.
Ceramic Flat-16 mechanical drawings
Note:
The upper metallic lid is not electrically connected to any pins, nor to the IC die inside the
package. Connecting unused pins or metal lid to ground or to the power supply will not affect
the electrical characteristics.
Table 9.
Ceramic Flat-16 mechanical data
Dim.
Mm.
Min.
Typ.
Max.
A
6.75
6.91
7.06
B
9.76
9.94
10.14
C
1.49
1.95
D
0.102
0.127
0.152
E
8.76
8.89
9.01
F
1.27
G
0.38
0.43
0.48
H
6.0
L
18.75
en
22.0
M
0.33
0.38
0.43
N
4.31
0016030E
1
8
16
F
G
D
H
A
B
M
C
N
H
9
E
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com