Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44360 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44360
Description  10-32 Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44360 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44360 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44360 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
10-32 Female Right Angle Connector Solder Attachment
Thru Hole PCB, .200 inch x .067 inch Hole Spacing
10-32 Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole
Spacing
Configuration
Connector
10-32 Female
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.51 [12.95]
Width/Dia., in [mm]
0.28 [7]
Height, in [mm]
0.5 [12.7]
.
Weight, lbs [g]
0.011 [4.99]
Connector
Type
10-32 Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
10-32 Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10-32 Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch
Hole Spacing PE44360
URL: http://www.pasternack.com/10-32-female-standard-thru-hole-pcb-connector-pe44360-p.aspx
PE44360
PE44360 REV


Similar Part No. - PE44360

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4436 PASTERNACK-PE4436 Datasheet
107Kb / 1P
N MALE CRIMP ATTACHMENT FOR RG58
PE44361 PASTERNACK-PE44361 Datasheet
308Kb / 2P
10-32 Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44362 PASTERNACK-PE44362 Datasheet
217Kb / 2P
10-32 Female Connector Crimp - Solder Attachment For RG178, RG196
PE44363 PASTERNACK-PE44363 Datasheet
306Kb / 2P
10-32 Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE44364 PASTERNACK-PE44364 Datasheet
227Kb / 2P
10-32 Female Connector Clamp - Solder Attachment For RG178, RG196
More results

Similar Description - PE44360

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44391 PASTERNACK-PE44391 Datasheet
293Kb / 3P
SSMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4117 PASTERNACK-PE4117 Datasheet
252Kb / 2P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44435 PASTERNACK-PE44435 Datasheet
223Kb / 3P
SSMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4118 PASTERNACK-PE4118 Datasheet
255Kb / 2P
SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44199 PASTERNACK-PE44199 Datasheet
220Kb / 3P
RT SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44644 PASTERNACK-PE44644 Datasheet
244Kb / 2P
SMA Female Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44827 PASTERNACK-PE44827 Datasheet
242Kb / 2P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44359 PASTERNACK-PE44359 Datasheet
458Kb / 2P
10-32 Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4117 PASTERNACK-PE4117_16 Datasheet
342Kb / 3P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4118 PASTERNACK-PE4118_16 Datasheet
348Kb / 3P
SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com