Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPC564A Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # XPC564A
Description  Evaluation system supporting Freescale MPC564xA microprocessors
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC564A Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button XPC564A Datasheet HTML 37Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 38Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 39Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 40Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 41Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 42Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 43Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 44Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
xPC564A EVB User Manual
37
J3 – VRH enable
Controls whether power is provided to the Voltage Reference High (VRH)
input pin used by the eQADC module on the MPC564xA processor.
J4 – VSTBY Configuration
J14 – I/O Supply Input Enable
Controls whether power is provided to the “I/O Supply Input” pins on the
MPC564xA processor.
Jumper Setting
Effect
On (default)
The VRH pin is connected to 5V power
Off
The VRH pin is left disconnected
Jumper Setting
Effect
On (default)
The MPC564xA “VSTBY” pin is pulled down to GND
Off 
The MPC564xA “VSTBY” pin is only connected to a 
100nF bypass capacitor. External 1V supply should 
be applied to this pin.
Jumper Setting
Effect
On (default)
MPC564xA I/O Supply Input pins are connected to 
3.3V or 5V (determined by J18)
Off
MPC564xA I/O Supply Input pins are unpowered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com