Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4472 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4472
Description  75 Ohm SMB Plug Connector Crimp/ Solder Attachment For RG59, RG62
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4472 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4472 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4472 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG59, RG62
Configuration
Connector
SMB Plug
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.92 [23.37]
Width/Dia., in [mm]
0.362 [9.19]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMB Plug
Contact Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG59, RG62 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG59, RG62 PE4472
URL: http://www.pasternack.com/smb-plug-standard-rg59-rg62-connector-pe4472-p.aspx
PE4472
PE4472 REV
75 Ohm SMB Plug Connector Crimp/
Solder Attachment For RG59, RG62


Similar Part No. - PE4472

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4472 PASTERNACK-PE4472 Datasheet
317Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
PE44720 PASTERNACK-PE44720 Datasheet
945Kb / 3P
BNC Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
PE44721 PASTERNACK-PE44721 Datasheet
944Kb / 3P
N Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
PE44722 PASTERNACK-PE44722 Datasheet
949Kb / 3P
N Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.0 Sq. Flange Watt Meter Connector
PE44723 PASTERNACK-PE44723 Datasheet
948Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, Gold Plated Brass Body
More results

Similar Description - PE4472

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4203 PASTERNACK-PE4203 Datasheet
263Kb / 2P
75 Ohm SMB Plug Connector Clamp/ Solder Attachment For RG59, RG62
PE4258 PASTERNACK-PE4258 Datasheet
272Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62
PE4996 PASTERNACK-PE4996 Datasheet
260Kb / 2P
75 Ohm Mini SMB Plug Right Angle Connector Crimp/Solder Attachment For RG59, RG62
PE4658 PASTERNACK-PE4658 Datasheet
216Kb / 3P
75 Ohm SMC Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4512 PASTERNACK-PE4512 Datasheet
259Kb / 2P
75 Ohm N Male Connector Crimp/Solder Attachment For RG59, RG62
PE4272 PASTERNACK-PE4272 Datasheet
207Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
PE44325 PASTERNACK-PE44325 Datasheet
213Kb / 2P
75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG59, RG62
PE44442 PASTERNACK-PE44442 Datasheet
206Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp - Solder Attachment For RG59, RG62
PE4264 PASTERNACK-PE4264 Datasheet
218Kb / 2P
75 Ohm SMB Plug Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE44316 PASTERNACK-PE44316 Datasheet
377Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG59, RG62, RG71
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com