Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX220XX Datasheet(PDF) 2 Page - ASIX Electronics Corporation

Part # AX220XX
Description  Single Chip Microcontroller with TCP/IP and 802.11 WLAn MAC/Baseband
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX220XX Datasheet(HTML) 2 Page - ASIX Electronics Corporation

  AX220XX Datasheet HTML 1Page - ASIX Electronics Corporation AX220XX Datasheet HTML 2Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
AX220xx
Single Chip Microcontroller with TCP/IP
and 802.11 WLAN MAC/Baseband
ASIX Electronics Corporation
4F, No.8, Hsin Ann Rd.,
Hsinchu Science Park,
Hsinchu, Taiwan 30078
Released Date: 1/28/2013
TEL: +886-3-579-9500
FAX: +886-3-579-9558
http://www.asix.com.tw/
Product Description
AX220xx, Single Chip Micro-controller with TCP/IP and 802.11 WLAN MAC/Baseband, is a System-on-Chip (SoC)
solution which offers high performance dual-CPU architecture with on-chip 1MB shared Flash as Program Memory,
on-chip 64KB Data Memory for Main CPU (MCPU), on-chip 32KB Data Memory for Wi-Fi CPU (WCPU), TCP/IP
accelerator, 802.11a/b/g compatible WLAN MAC/Baseband, Fast Ethernet MAC, and rich communication peripherals
for wide varieties of application which need access to the wired/wireless LAN or Internet.
The
dual-CPU
architecture
of
AX220xx utilizes the MCPU for
applications and TCP/IP processing,
and the WCPU for WLAN protocol
processing and Ethernet to WLAN
packet format translation. The built-in
WLAN MAC and Baseband processor
are compatible with IEEE 802.11a/b/g
standard, and support security features
compatible with 802.11i and QoS
features compatible with IEEE 802.11e,
and support operation in Infrastructure ,
Simple AP or Ad-Hoc (IBSS) network
topology.
In addition to standalone application,
AX220xx with TCP/IP protocol suite
running on-chip and various parallel
and serial host interfaces supported,
such as Local Bus Interface, High Speed UART or High Speed SPI, can be used as a network co-processor to offload
TCP/IP and WLAN protocol processing loading from system CPU in an embedded system.
AX220xx provides cost effective wire or wireless networking solution to enable simple, easy, and low cost Internet
connection capability for many applications, such as consumer electronics, networked home appliances, industrial
equipments, security systems, remote data collection equipments, remote control, remote monitoring, and remote
management.
Target Applications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com