Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9546 Datasheet(PDF) 1 Page - 3M Electronics

Part # 9546
Description  Double Coated Polyethylene Foam Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9546 Datasheet(HTML) 1 Page - 3M Electronics

  9546 Datasheet HTML 1Page - 3M Electronics 9546 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Scotch-Mount
™
Double Coated Polyethylene Foam Tape 9546
Product Data Sheet
Updated
: August 2001
Supersedes : New
Product Description
Polyethylene foam coated on both sides with a modified Acrylate pres sure sensitive
adhesive.
Physical Properties
Not for specification purposes
Adhesive Type
Modified Acrylate
Foam Core
Closed cell Polyethylene Foam
Thickness
1.15 mm
Release Liner
Siliconised white paper
Density
67 kg/m³
Tape Colour
White
Shelf Life
12 months from date of despatch by 3M when stored in the
original carton at 21°C (70°F) & 50 % Relative Humidity
Performance
Characteristics
Not for specification purposes
180° Peel Adhesion to
stainless steel (FINAT-
TM1) One side reinforced
with PET Film.
20 min dwell
24 hours dwell
18 N/25mm*
18 N/25mm*
Cohesive Failure
Static Shear on
Stainless Steel (FINAT-
TM8) One side reinforced
with PET Film.
At 23°C
At 70°C
> 150 hours
> 30 minutes
Temperature
Performance
-40°C to +80°C
(Short Term 90°C)


Similar Part No. - 9546

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9546 ETC2-9546 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Belden Inc.
9546 BELDEN-9546 Datasheet
217Kb / 2P
RS232, #24-50c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
logo
Keystone Electronics Co...
9546 KEYSTONE-9546 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9546-060100 BELDEN-9546-060100 Datasheet
217Kb / 2P
RS232, #24-50c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
9546-0601000 BELDEN-9546-0601000 Datasheet
217Kb / 2P
RS232, #24-50c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
More results

Similar Description - 9546

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4430 3M-4430 Datasheet
45Kb / 2P
Double Coated Foam Tape
Oct-1993
4004 3M-4004 Datasheet
109Kb / 5P
Double Coated Urethane Foam Tapes
May-2006
1503 3M-1503 Datasheet
48Kb / 2P
3MTM Tan Polyethylene Single Coated Medical Tape
1521 3M-1521 Datasheet
48Kb / 2P
3MTM Single Coated Polyethylene Medical Tape
Jul-2013
1526 3M-1526 Datasheet
48Kb / 2P
3MTM Single Coated Polyethylene Medical Tape
Aug-2013
9781 3M-9781 Datasheet
51Kb / 2P
3MTM PVC Single Coated Foam Medical Tape
4492W 3M-4492W Datasheet
143Kb / 6P
3M??Double Coated Polyethylene Foam Tape 4492W
4108 3M-4108 Datasheet
161Kb / 6P
3M™ Single-Coated Urethane Foam Tape 4108
May-2008
390 3M-390 Datasheet
572Kb / 5P
3M??Scotch짰 Polyethylene Coated Cloth Tape
logo
Bertech.
DSFT BERTECH-DSFT Datasheet
158Kb / 1P
Double Sided Foam Tape
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com