Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4430 Datasheet(PDF) 1 Page - 3M Electronics

Part # 4430
Description  Double Coated Foam Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4430 Datasheet(HTML) 1 Page - 3M Electronics

  4430 Datasheet HTML 1Page - 3M Electronics 4430 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Scotch-Mount
™
4430 Double Coated Foam Tape
Product Data Sheet
Updated
: October 1993
Supersedes :
Product Description
4430 is a white double
coated synthetic foam tape
with a high tack acrylic
adhesive. This tape has a
plain white paper liner.
Physical Properties
Not for specification purposes
Adhesive Type
Acrylic
3M ref :
Foam Core
Synthetic
Foam Density
560 kg/m³
Thickness (ASTM D-3652)
Tape
0.8 mm ± 0.1mm
Release Liner
White Paper
Tape Colour
White
Shelf Life
12 months from date of despatch by 3M when stored in the
original carton at 21°C (70°F) & 50 % Relative Humidity
Performance
Characteristics
Not for specification purposes
Peel Adhesion to
Stainless Steel
90° peel @ room temp, 72 hr dwell,
jaw speed 300mm/min
20 N/10mm
Static Shear Strength
weight held for 100 hours to stainless steel
with ½ sq in (3.23 sq cm) overlap
1000g @ 20°C
500g @ 70°C
Temperature
Performance
Continuous
Intermittent
70 °C
100 °C


Similar Part No. - 4430

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
4430 VBSEMI-4430 Datasheet
1,003Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Adafruit Industries
4430 ADAFRUIT-4430 Datasheet
1Mb / 3P
High Current Inductive Charge Kit - 5V @ 1.3A max
1-27-20
logo
List of Unclassifed Man...
4430-T-B1B950 ETC2-4430-T-B1B950 Datasheet
1Mb / 12P
WIRELESS PRODUCT SELECTOR GUIDE
4430-T-B1D950 ETC2-4430-T-B1D950 Datasheet
1Mb / 12P
WIRELESS PRODUCT SELECTOR GUIDE
logo
Schurter Inc.
4430.0022 SCHURTER-4430.0022 Datasheet
601Kb / 8P
Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
More results

Similar Description - 4430

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9546 3M-9546 Datasheet
43Kb / 2P
Double Coated Polyethylene Foam Tape
Aug-2001
9448A 3M-9448A Datasheet
82Kb / 4P
Double Coated Tissue Tape
Jan-2009
4004 3M-4004 Datasheet
109Kb / 5P
Double Coated Urethane Foam Tapes
May-2006
9781 3M-9781 Datasheet
51Kb / 2P
3MTM PVC Single Coated Foam Medical Tape
4492W 3M-4492W Datasheet
143Kb / 6P
3M??Double Coated Polyethylene Foam Tape 4492W
9828 3M-9828 Datasheet
145Kb / 7P
3M??Double Coated Tape 9828
4108 3M-4108 Datasheet
161Kb / 6P
3M™ Single-Coated Urethane Foam Tape 4108
May-2008
9443NP 3M-9443NP Datasheet
141Kb / 6P
3M™ Double Coated Tape
Jul-2006
05293 3M-05293 Datasheet
146Kb / 4P
Double Coated Tape 9490LE
logo
Bertech.
DSFT BERTECH-DSFT Datasheet
158Kb / 1P
Double Sided Foam Tape
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com