Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA7809AF/API Datasheet(PDF) 16 Page - KEC(Korea Electronics)

Part # KIA7809AF/API
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7809AF/API Datasheet(HTML) 16 Page - KEC(Korea Electronics)

Back Button KIA7809AF/API Datasheet HTML 12Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 13Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 14Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 15Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 16Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 17Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 18Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 19Page - KEC(Korea Electronics) KIA7809AF/API Datasheet HTML 20Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
2013. 1. 14
16/20
KIA7805AF/API~KIA7824AF/API
Revision No : 6
KIA78xx
VOUT
VOUT
VIN
VIN
VIN
KIA78xx
SERIES
Output surge and
input short protecting
diode.
Input surge
protecting diode.
>
VZ
VZ
(2) CURRENT BOOST REGULATOR
PRECAUTIONS ON APPLICATION
(1) In regard to GND, be careful not to apply a negative voltage to the input/output terminal. Further, special care is necessary in case
of a voltage boost application.
(2) When a surge voltage exceeding maximum rating is applied to the input terminal or when a voltage in excess of the input terminal
voltage is applied to the output terminal, the circuit may be destroyed. Specially, in the latter case, great care is necessary Further,
if the input terminal shorts to GND in a state of normal operation, the output terminal voltage becomes higher than the input voltage
(GND potential), and the electric charge of a chemical capacitor connected to the output terminal flows into the input side,
which may cause the destruction of circuit. In these cases, take such steps as a zener diode and a general silicon diode are connected
to the circuit, as shown in the following figure.
(3) When the input voltage is too high, the power dissipation of three terminal regulator increase because of series regulator,
so that the junction temperature rises. In such a case, it is recommended to reduce the power dissipation by inserting the power
limiting resistor RSD in the input terminal, and to reduce the junction temperature as a result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com