Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W2H Datasheet(PDF) 3 Page - AVX Corporation

Part # W2H
Description  High Current Feedthry Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W2H Datasheet(HTML) 3 Page - AVX Corporation

  W2H Datasheet HTML 1Page - AVX Corporation W2H Datasheet HTML 2Page - AVX Corporation W2H Datasheet HTML 3Page - AVX Corporation W2H Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7
High Current Feedthru Capacitors
W2H/W3H Series
PHYSICAL DIMENSIONS
PAD DIMENSIONS
LW
T
BW
BL
ES
EW
X
S
W2H1– 0805 MM
2.01 ± 0.20
1.25 ± 0.20
1.14 Max.
0.46 ± 0.10
0.18 + 0.25 -0.08
NA
0.25 ± 0.13
1.02 ± 0.10
0.23 ± 0.05
(in.) (0.079 ± 0.008) (0.049 ± 0.008)
(0.045 Max.)
(0.018 ±0.004)
(0.007 + 0.010 -0.003)
(0.010 ± 0.005)
(0.040 ± 0.004)
(0.009 ± 0.002)
W3H1– 0612 MM
1.60 ± 0.20
3.20 ± 0.20
1.22 Max.
2.80 ± .127
0.18 + 0.25 -0.08
0.41 ± 0.10
0.41 ± 0.10
1.60 ± 0.10
1.40 ± 0.07
(in.) (0.063 ± 0.008) (0.126 ± 0.008)
(0.048 Max.)
(0.110 ± 0.005)
(0.007 + 0.010 -0.003)
(0.016 ± 0.004)
(0.016 ± 0.004)
(0.063 ± 0.004)
(0.055 ± 0.003)
TP
S
W
L
C
X
W2H1– 0805 MM
3.45
0.51
0.76
1.27
1.02
0.46
NA
(in.)
(0.136)
(0.020)
(0.030)
(0.050)
(0.040)
(0.018)
W3H1– 0612 MM
2.54
3.05
1.12
.460
.610
.330
.710
(in.)
(0.100)
(0.120)
(0.044)
(0.018)
(0.024)
(0.013)
(0.028)
EW
W
W
S
P
P
L
S
BL
BW
T
X
L
T
C
EW
L
S
X
W
C
L
S
BL
BW
T
X
W
ES
P
T
W2H1 – 0805 Style
W3H1 – 0612 Style
PHYSICAL DIMENSIONS AND PAD LAYOUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com