Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3398LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3398LF
Description  CABLE ASSEMBLY RG179B/U 75 OHM N MALE TO 75 OHM BNC MALE (LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3398LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3398LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
021308
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE
N MALE
RG179B/U
BNC MALE
PE3398LF-XX
CABLE ASSEMBLY, RG179B/U, 75 OHM N
MALE TO 75 OHM BNC MALE (LEAD FREE)
75 OHM
75 OHM
75 OHM
75 OHM
N MALE
75 OHM
BNC MALE


Similar Part No. - PE3398LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3398 PASTERNACK-PE3398 Datasheet
279Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM N MALE TO 75 OHM BNCF MALE
PE33984 PASTERNACK-PE33984 Datasheet
270Kb / 1P
CABLE ASSEMBLY, RG393/U, MHV MALE TO SHV PLUG
PE33984-12 PASTERNACK-PE33984-12 Datasheet
270Kb / 1P
CABLE ASSEMBLY, RG393/U, MHV MALE TO SHV PLUG
PE33984-24 PASTERNACK-PE33984-24 Datasheet
270Kb / 1P
CABLE ASSEMBLY, RG393/U, MHV MALE TO SHV PLUG
PE33984-36 PASTERNACK-PE33984-36 Datasheet
270Kb / 1P
CABLE ASSEMBLY, RG393/U, MHV MALE TO SHV PLUG
More results

Similar Description - PE3398LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3307LF PASTERNACK-PE3307LF Datasheet
228Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM N MALE TO 75 OHM N MALE
PE33412LF PASTERNACK-PE33412LF Datasheet
232Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC MALE RIGHT ANGLE(LEAD FREE)
PE3400LF PASTERNACK-PE3400LF Datasheet
231Kb / 1P
CABLE ASSEMBLY RG187A/U 75 OHM N MALE TO 75 OHM BNC MALE(LEAD FREE)
PE33401 PASTERNACK-PE33401 Datasheet
137Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC MALE
PE33401LF PASTERNACK-PE33401LF Datasheet
280Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC MALE(LEAD FREE)
PE3307 PASTERNACK-PE3307 Datasheet
238Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM N MALE TO 75 OHM N MALE
PE35360LF PASTERNACK-PE35360LF Datasheet
276Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM TNC MALE TO 75 OHM TNC MALE(LEAD FREE)
PE33421LF PASTERNACK-PE33421LF Datasheet
300Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD(LEAD FREE)
PE35362LF PASTERNACK-PE35362LF Datasheet
230Kb / 1P
CABLE ASSEMBLY, RG179B/U, 75 OHM TNC MALE TO 75 OHM BNC MALE (LEAD FREE)
PE36153LF PASTERNACK-PE36153LF Datasheet
231Kb / 1P
CABLE ASSEMBLY, RG179B/U, F MALE TO 75 OHM BNC MALE (LEAD FREE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com